Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1540MPX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN1540MPX
Description  1A/1.3A, LDO with Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1540MPX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN1540MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
www.fairchildsemi.com
FAN1539/FAN1540 Rev. 1.1.1
Typical Performance Characteristics—FAN1539MPX, FAN1540MPX,
FAN1540MMPX, FAN1540DX (Continued)
Note:
Transient response tests require short lead lengths and low resistance connections at source and load.
Line Transient Response
Time (20
µs/div)
Time (40
µs/div)
Time (20
µs/div)
Load Transient Response
t r = 1µs
t r = 1µs
Tj = 25
°C
I OUT = I MAX
CIN = 22µF
COUT = 10µF
COUT = 10µF
(Ceramic Low ESR Capacitors)
(Ceramic Low ESR Capacitors)
CIN = 22µF
tf = 1µs
Tj = 25°C
VIN = 5V
Short Circuit Removal Response
Output Spectral Noise Density
vs. Frequency
Typical Region of Stability
ESR vs. Output Current*
VIN = 5V
10 mA
~3.3A
101
102
103
104
105
106
0
0
10
100
1K
10K
100K
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
20
30
40
50
60
70
80
90
100
Ripple Rejection vs. Frequency
VIN = 5V
I OUT = 10mA
COUT = 10µF (Low ESR)
Fr eq ue ncy (H z)
0.1
0
200
400
600
800
1000
1200
1400
1
10
100
1000
*Note: ESR Values measured at f = 10kHz
Region of Instability
Region of Stability
3.300V
3.300V
3.300V
Output Current (mA)
Frequency (Hz)
COUT = 10µF
(Ceramic Low ESR Capacitors)
CIN = 22µF
tf = 1µs
Tj = 25°C
CIN = 22
µF
COUT = 10
µF
Ceramic Low ESR
VIN = 5V
CIN = 22
µF
COUT = 10
µF
Tj = 25
°C
VIN = 5V
IOUT = IMAX


Similar Part No. - FAN1540MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1540 FAIRCHILD-FAN1540 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
More results

Similar Description - FAN1540MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com