Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59115IRUZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL59115IRUZ-T7
Description  Triple Channel Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59115IRUZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59115IRUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59115IRUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6185.2
ISL59115
Triple Channel Video Driver with LPF
The ISL59115 is a triple channel reconstruction filter with a
-3dB roll-off frequency of 9MHz. Operating from a single
supply ranging from +2.5V to +3.6V and drawing only 4.5mA
quiescent current, the ISL59115 is ideally suited for low
power, battery-operated applications. Additionally, enable
pins shut the part down in under 14ns.
The ISL59115 is designed to meet the bandwidth and very
low power requirements of battery-operated communication,
instrumentation, and modern industrial applications such as
video on demand, cable set-top boxes, MP3 players, and
HDTV. The ISL59115 is offered in a space-saving µTQFN
Pb-free package guaranteed to a 0.6mm maximum height
constraint and specified for operation from -40°C to +85°C
temperature range.
Pinout
ISL59115
(10 LD µTQFN)
TOP VIEW
Features
• 3rd order 9MHz reconstruction filter
• 40V/µs slew rate
• Low supply current = 4.5mA
• Maximum Power-down current <0.5µA
• Supplies from 2.5V to 3.6V
• Rail-to-rail output
• µTQFN package
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• Portable and handheld products
• Communications devices
• Video on demand
• Cable set-top boxes
• Satellite set-top boxes
• MP3 players
• HDTV
• Personal video recorder
Block Diagram
1
3
4
YOUT
CIN
COUT
CVBSIN
GND
2
10
5
7
8
CVBSOUT
ENCY
ENCVBS
VDD
9
6
YIN
x2
YIN
YOUT
ENCVBS
x2
CVBSIN
CVBSOUT
x2
CIN
COUT
+
-
9MHz
9MHz
9MHz
ENCY
Biasing &
Control
1uA
+
-
1uA
500mV
+
-
65mV
+
-
65mV
+
-
65mV
Ordering Information
PART NUMBER (Note)
PART MARKING
TAPE AND REEL
TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL59115IRUZ-T7
FK
7”
-40 to +85
10 Ld µTQFN
L10.2.1x1.6A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 21, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL59115IRUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59115IRUZ-T7 RENESAS-ISL59115IRUZ-T7 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
More results

Similar Description - ISL59115IRUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
ISL59117 INTERSIL-ISL59117 Datasheet
365Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59117 RENESAS-ISL59117 Datasheet
629Kb / 10P
   Triple Channel Video Driver with LPF
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59123 RENESAS-ISL59123 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
logo
Intersil Corporation
ISL59123 INTERSIL-ISL59123 Datasheet
497Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59119 RENESAS-ISL59119 Datasheet
1Mb / 11P
   Triple Channel SD Video Driver with LPF
logo
Rohm
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com