Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5539 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SE5539
Description  High frequency operational amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5539 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SE5539 Datasheet HTML 5Page - NXP Semiconductors SE5539 Datasheet HTML 6Page - NXP Semiconductors SE5539 Datasheet HTML 7Page - NXP Semiconductors SE5539 Datasheet HTML 8Page - NXP Semiconductors SE5539 Datasheet HTML 9Page - NXP Semiconductors SE5539 Datasheet HTML 10Page - NXP Semiconductors SE5539 Datasheet HTML 11Page - NXP Semiconductors SE5539 Datasheet HTML 12Page - NXP Semiconductors SE5539 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product data
NE/SE5539
High frequency operational amplifier
2002 Jan 25
9
NE5539 COLOR VIDEO AMPLIFIER
The NE5539 wideband operational amplifier is easily adapted for
use as a color video amplifier. A typical circuit is shown in Figure 7
along with vector-scope1 photographs showing the amplifier
differential gain and phase response to a standard five-step
modulated staircase linearity signal (Figures 8, 9 and 10). As can be
seen in Figure 9, the gain varies less than 0.5% from the bottom to
the top of the staircase. The maximum differential phase shown in
Figure 10 is approximately +0.1
°.
The amplifier circuit was optimized for a 75
Ω input and output
termination impedance with a gain of approximately 10 (20 dB).
NOTE:
1. The input signal was 200 mV and the output 2 V. VCC was ±8 V.
7
75
750
—V
22nF
14
10
8
3
1
+
75
VIN
—V
22nF
470
75
—V
ZO = 75Ω
1
6dB LOSS—1
75
SL00576
Figure 7. NE5539 Video Amplifier
SL00577
Figure 8. Input Signal
SL00578
Figure 9. Differential Gain <0.5%
NOTE:
Instruments used for these measurements were Tektronix 146
NTSC test signal generator, 520A NTSC vectorscope, and 1480
waveform monitor.


Similar Part No. - SE5539

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5539 PHILIPS-SE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
SE5539F PHILIPS-SE5539F Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
More results

Similar Description - SE5539

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Hitachi Semiconductor
HA17741 HITACHI-HA17741 Datasheet
89Kb / 18P
   General-Purpose Operational Amplifier (Frequency Compensated)
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Fairchild Semiconductor
UA709 FAIRCHILD-UA709 Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com