Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL28156 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL28156
Description  39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL28156 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6154.2
February 27, 2007
IO+
Short-Circuit Output Current
RL = 10Ω
28
23
31
mA
IO-
Short-Circuit Output Current
RL = 10Ω
24
18
26
mA
VSUPPLY
Supply Operating Range
Guaranteed by PSRR test
2.4
5
V
VENH
Enable Pin High Level
2
V
VENL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.7
1
1.2
1.2
µA
IENL
Enable Pin Input Current
VEN = 0V
10
16
25
30
nA
tEN
Enable to output on-state delay time
(ISL28156)
Vout = 1V (enable state); VEN = High to
Low
10.8
µs
tEN
Enable to output off-state delay time
(ISL28156)
Vout = OV (disabled state) VEN = Low to
High
0.1
µs
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C, temperature data guaranteed by
characterization (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY vs RL
FIGURE 2. GAIN vs FREQUENCY vs CL
FIGURE 3. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 4. GAIN vs FREQUENCY vs VS
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
1k
10k
100k
1M
FREQUENCY (Hz)
RL = 1k
RL = 10k
RL = 100k
AV = 1
CL = 16.3pF
VOUT = 10mVPP
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
CL = 63.3pF
CL = 55.3pF
CL = 49.3pF
CL = 43.3pF
CL = 38.3pF
CL = 34.3pF
AV = 1
RL = 10k
VOUT = 10mVPP
1k
10k
100k
1M
-10
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
Rf = 1M, Rg = 1k, RL = 10k
Rf = 9.09, Rg = 1k, RL = INF
Rf = 0, Rg = INF, RL = 10k
RL = 10k
CL = 16.3pF
VOUT = 10mVPP
Rf = 100k, Rg = 1k, RL = 10k
1k
10k
100k
1M
100
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 2.4V
VS = 5V
AV = 1
RL = 10k
VOUT = 10mVPP
ISL28156, ISL28256


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn