Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XQ1003-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part No. XQ1003-BD
Description  6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo 

XQ1003-BD Datasheet(HTML) 3 Page - Mimix Broadband

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
3
2
4
5
6
Vee2
Vee3
RF Out
Vee1
Vtune
(Maximum 100pF)
1
3
1.800
(0.071)
1.105
(0.044)
2
1.504
(0.060)
0.0
0.0
1.504
(0.060)
4
1.105
(0.044)
5
0.566
(0.022)
0.673
(0.027)
1.350
(0.053)
6
Page 3 of 5
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 7OSC0463)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.507 mg.
Bond Pad #1 (Vtune)
Bond Pad #2 (Vee1)
Bond Pad #3 (RF Out)
Bond Pad #4 (Vee2)
Bond Pad #5 (Vee3)
Bond Pad #6 (Vee3)
6.8-7.9 GHz GaAs MMIC
Voltage Controlled Oscillator
XQ1003-BD
RF Out
Vee1
Vtune
Vee2
Vee3
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 17-Apr-07
Q1003-BD
XQ1003-BD
XQ1003-BD


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn