Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28278 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28278
Description  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28278 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28278 Datasheet HTML 5Page - Intersil Corporation ISL28278 Datasheet HTML 6Page - Intersil Corporation ISL28278 Datasheet HTML 7Page - Intersil Corporation ISL28278 Datasheet HTML 8Page - Intersil Corporation ISL28278 Datasheet HTML 9Page - Intersil Corporation ISL28278 Datasheet HTML 10Page - Intersil Corporation ISL28278 Datasheet HTML 11Page - Intersil Corporation ISL28278 Datasheet HTML 12Page - Intersil Corporation ISL28278 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6145.1
September 28, 2006
FIGURE 29. POSITIVE VOUT vs TEMPERATURE RL = 100k,
VS = ±2.5V
FIGURE 30. NEGATIVE VOUT vs TEMPERATURE RL = 100k,
VS = ±2.5V
FIGURE 31. IIL (EN) vs TEMPERATURE VS = ±2.5V
FIGURE 32. IIH (EN) vs TEMPERATURE VS = ±2.5V
FIGURE 33. +SLEW RATE vs TEMPERATURE VS = ±2.5V,
INPUT = ±0.75V AV = 2
FIGURE 34. -SLEW RATE vs TEMPERATURE VS = ±2.5V,
INPUT = ±0.75V AV = 2
Typical Performance Curves (Continued)
4.9964
4.9966
4.9968
4.997
4.9972
4.9974
4.9976
4.9978
4.998
4.9982
4.9984
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
Median
MIN
MAX
Median
MEDIAN
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
11
11.5
12
12.5
13
13.5
14
14.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MIN
MEDIAN
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
0.09
0.1
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.2
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MIN
MEDIAN
0.1
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.2
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MIN
MEDIAN
ISL28278, ISL28478


Similar Part No. - ISL28278

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28278FAZ INTERSIL-ISL28278FAZ Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

Similar Description - ISL28278

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com