Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74ALS652NT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74ALS652NT
Description  Octal 3-STATE Bus Transceiver and Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS652NT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS652NT Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS652NT Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS652NT Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS652NT Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS652NT Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS652NT Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
(Note 6)
Note 6: These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
Symbol
Parameter
Conditions
From (Input)
Min
Max
Units
To (Output)
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V,
CBA or CAB
10
30
ns
LOW-to-HIGH Level Output
CL = 50 pF,
to A or B
tPHL
Propagation Delay Time
R1 = R2 = 500Ω,CBA or CAB
517
ns
HIGH-to-LOW Level Output
TA = Min to Max
to A or B
tPLH
Propagation Delay Time
A or B to
518
ns
LOW-to-HIGH Level Output
B or A
tPHL
Propagation Delay Time
A or B to
312
ns
HIGH-to-LOW Level Output
B or A
tPLH
Propagation Delay Time
LOW-to-HIGH Level Output
SBA or SAB
12
35
ns
(with A or B LOW) (Note 6)
to A or B
tPHL
Propagation Delay Time
HIGH-to-LOW Level Output
SBA or SAB
6
20
ns
(with A or B LOW) (Note 6)
to A or B
tPLH
Propagation Delay Time
LOW-to-HIGH Level Output
SBA or SAB
6
25
ns
(with A or B HIGH) (Note 6)
to A or B
tPHL
Propagation Delay Time
HIGH-to-LOW Level Output
SBA or SAB
5
20
ns
(with A or B HIGH) (Note 6)
to A or B
tPZH
Output Enable Time
GBA to
317
ns
to HIGH Level Output
A
tPZL
Output Enable Time
GBA to
518
ns
to LOW Level Output
A
tPHZ
Output Disable Time
GBA to
110
ns
from HIGH Level Output
A
tPLZ
Output Disable Time
GBA to
216
ns
from LOW Level Output
A
tPZH
Output Enable Time
GAB to
622
ns
to HIGH Level Output
B
tPZL
Output Enable Time
GAB to
618
ns
to LOW Level Output
B
tPHZ
Output Disable Time
GAB to
110
ns
from HIGH Level Output
B
tPLZ
Output Disable Time
GAB to
216
ns
from LOW Level Output
B


Similar Part No. - DM74ALS652NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS652NT FAIRCHILD-DM74ALS652NT Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
More results

Similar Description - DM74ALS652NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com