Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517AN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE5517AN
Description  Dual operational transconductance amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5517AN Datasheet(HTML) 5 Page - NXP Semiconductors

  NE5517AN Datasheet HTML 1Page - NXP Semiconductors NE5517AN Datasheet HTML 2Page - NXP Semiconductors NE5517AN Datasheet HTML 3Page - NXP Semiconductors NE5517AN Datasheet HTML 4Page - NXP Semiconductors NE5517AN Datasheet HTML 5Page - NXP Semiconductors NE5517AN Datasheet HTML 6Page - NXP Semiconductors NE5517AN Datasheet HTML 7Page - NXP Semiconductors NE5517AN Datasheet HTML 8Page - NXP Semiconductors NE5517AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductor
Product data
NE5517/NE5517A/
AU5517
Dual operational transconductance amplifier
2002 Dec 06
5
DC ELECTRICAL CHARACTERISTICS1
SYMBOL
PARAMETER
TEST CONDITIONS
AU5517/NE5517
NE5517A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
0.4
5
0.4
2
mV
VOS
Input offset voltage
Over temperature range
5
mV
IABC 5 µA
0.3
5
0.3
2
mV
∆VOS/∆T
Avg. TC of input offset voltage
7
7
µV/°C
VOS including diodes
Diode bias current (ID) = 500 µA
0.5
5
0.5
2
mV
VOS
Input offset change
5
µA ≤ IABC ≤ 500 µA
0.1
0.1
3
mV
IOS
Input offset current
0.1
0.6
0.1
0.6
µA
∆IOS/∆T
Avg. TC of input offset current
0.001
0.001
µA/°C
IBIAS
Input bias current
0.4
5
0.4
5
µA
IBIAS
In ut bias current
Over temperature range
1
8
1
7
µA
∆IB/∆T
Avg. TC of input current
0.01
0.01
µA/°C
gM
Forward transconductance
6700
9600
1300
7700
9600
1200
µmho
gM
Forward transconductance
Over temperature range
5400
4000
µmho
gM tracking
0.3
0.3
dB
RL = 0, IABC =5 µA
5
3
5
7
µA
IOUT
Peak output current
RL = 0, IABC = 500 µA
350
500
650
350
500
650
µA
RL = 0
300
300
µA
Peak output voltage
VOUT
Positive
RL = ∞, 5 µA ≤ IABC ≤ 500 µA
+12
+14.2
+12
+14.2
V
Negative
RL = ∞, 5 µA ≤ IABC ≤ 500 µA
–12
–14.4
–12
–14.4
V
ICC
Supply current
IABC = 500 µA, both channels
2.6
4
2.6
4
mA
VOS sensitivity
Positive
∆ VOS/∆ V+
20
150
20
150
µV/V
Negative
∆ VOS/∆ V–
20
150
20
150
µV/V
CMRR
Common-mode rejection
ration
80
110
80
110
dB
Common-mode range
±12
±13.5
±12
±13.5
V
Crosstalk
Referred to input2
20 Hz < f < 20 kHz
100
100
dB
IIN
Differential input current
IABC = 0, input = ±4 V
0.02
100
0.02
10
nA
Leakage current
IABC = 0 (Refer to test circuit)
0.2
100
0.2
5
nA
RIN
Input resistance
10
26
10
26
k
BW
Open-loop bandwidth
2
2
MHz
SR
Slew rate
Unity gain compensated
50
50
V/
µs
INBUFFER
Buffer input current
5
0.4
5
0.4
5
µA
VOBUFFER
Peak buffer output voltage
5
10
10
V
∆VBE of buffer
Refer to Buffer VBE test circuit 3
0.5
5
0.5
5
mV
NOTES:
1. These specifications apply for VS = ±15 V, Tamb = 25 °C, amplifier bias current (IABC) = 500 µA, Pins 2 and 15 open unless otherwise
specified. The inputs to the buffers are grounded and outputs are open.
2. These specifications apply for VS = ±15 V, IABC = 500 µA, ROUT = 5 kΩ connected from the buffer output to –VS and the input of the buffer is
connected to the transconductance amplifier output.
3. VS = ±15, ROUT = 5 kΩ connected from Buffer output to –VS and 5 µA ≤ IABC ≤ 500 µA.


Similar Part No. - NE5517AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517AN PHILIPS-NE5517AN Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517AN ONSEMI-NE5517AN Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517AN ONSEMI-NE5517AN Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
NE5517ANG ONSEMI-NE5517ANG Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517ANG ONSEMI-NE5517ANG Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

Similar Description - NE5517AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com