Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59112IEZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL59112IEZ-T7
Description  40MHz Rail-to-Rail Video Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59112IEZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

  ISL59112IEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6142.4
March 15, 2007
ISL59112
Small Outline Transistor Plastic Packages (SC70-6)
D
e1
E
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
12
3
4
5
6
E1
CL
C
VIEW C
VIEW C
L
R1
R
4X
θ1
4X
θ1
GAUGE PLANE
L1
SEATING
α
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P6.049A
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.031
0.039
0.80
1.00
-
A1
0.001
0.004
0.025
0.10
-
A2
0.034
0.036
0.85
0.90
-
b
0.006
0.012
0.15
0.30
-
b1
0.006
0.010
0.15
0.25
-
c
0.004
0.008
0.10
0.20
6
c1
0.004
0.006
0.10
0.15
6
D
0.073
0.085
1.85
2.15
3
E
0.084 BSC
2.1 BSC
-
E1
0.045
0.053
1.15
1.35
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0512 Ref
1.30 Ref
-
L
0.010
0.018
0.26
0.46
4
L1
0.016 Ref.
0.400 Ref.
-
L2
0.006 BSC
0.15 BSC
-
N6
6
5
R
0.004
-
0.10
-
-
α
-
Rev. 0 7/05
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC70 and JEDEC MO203AB.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only


Similar Part No. - ISL59112IEZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59112IEZ-T7 INTERSIL-ISL59112IEZ-T7 Datasheet
203Kb / 6P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
ISL59112IEZ-T7 RENESAS-ISL59112IEZ-T7 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
More results

Similar Description - ISL59112IEZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59112 RENESAS-ISL59112 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112 INTERSIL-ISL59112 Datasheet
203Kb / 6P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com