Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88016 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL88016
Description  6-Pin Voltage Supervisors with Pin- Selectable Voltage Trip Points
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88016 Datasheet(HTML) 6 Page - Intersil Corporation

  ISL88016 Datasheet HTML 1Page - Intersil Corporation ISL88016 Datasheet HTML 2Page - Intersil Corporation ISL88016 Datasheet HTML 3Page - Intersil Corporation ISL88016 Datasheet HTML 4Page - Intersil Corporation ISL88016 Datasheet HTML 5Page - Intersil Corporation ISL88016 Datasheet HTML 6Page - Intersil Corporation ISL88016 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FN6141.0
December 22, 2006
Manual Reset
The manual reset input (MR) allows the user to trigger a
reset by using a push-button switch. The MR input is an
active low debounced input. By connecting a push-button
directly from MR to ground, the designer adds manual
system reset capability (see Figure 3). Reset is asserted if
the MR pin is pulled low to less than 100mV for 10µs or
longer while the push-button is closed. After MR is released,
the reset outputs remain asserted for tPOR (200ms) and then
released.
Using the ISL88016/17EVAL1Z Platform
The ISL88016/17EVAL1Z platform is provided with both an
ISL88016 in the top and an ISL88017 in the bottom
positions. Each IC is default programmed to VSET1, VSET2
and VSET3 = FLOAT but provided with jumpers to change
the Vth level by individually connecting the three VSET pins
to either VDD (1) or GND (0). To the left of the circuits is a
VSET programming table for easy reference. Provide
adequate bias to VDD to deassert RESET signal. See
Figure 4 for the ISL88016/17EVAL1Z schematic and
Figure 5 for its photograph.
RST/MR
PB
ISL88016
ISL88017
FIGURE 3. CONNECTING A MANUAL RESET PUSH-BUTTON
FIGURE 4. ISL88016/17EVAL1Z SCHEMATIC
FIGURE 6. SAMPLED VTH% TO TARGET OVER TEMP
FIGURE 7. IDD OVER TEMP
FIGURE 8. tPOR OVER TEMP
FIGURE 5. ISL88016/17EVAL1Z PHOTOGRAPH
-1.3
-1.1
-0.9
-0.7
-0.5
-0.3
-0.1
0.1
-40
-30
-20
-10
0
102535
455565
7585
TEMPERATURE (oC)
TARGET 0%
88017_3.55V
88017_4.55V
88017_2.25V
88016_2.25V
88016_2.80V
88016_1.75V
TEMPERATURE (°C)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-40
-30
-20
-10
0
1025
35
4555
6575
85
TEMPERATURE (
oC)
VDD = 2.5V
VDD = 5V
VDD = 1.8V
VDD = 3.3V
193
194
195
196
197
198
199
200
201
202
203
204
-40
-30
-20
-10
0
1025
3545
5565
7585
T EM P ERAT URE (
o C)
VDD = 5V
VDD = 3.3V
ISL88016, ISL88017


Similar Part No. - ISL88016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88016 RENESAS-ISL88016 Datasheet
468Kb / 8P
   6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points
ISL88016/17EVAL1Z RENESAS-ISL88016/17EVAL1Z Datasheet
468Kb / 8P
   6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points
ISL88016IHTZ-T RENESAS-ISL88016IHTZ-T Datasheet
468Kb / 8P
   6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points
ISL88016IHTZ-TK RENESAS-ISL88016IHTZ-TK Datasheet
468Kb / 8P
   6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points
More results

Similar Description - ISL88016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88016 RENESAS-ISL88016 Datasheet
468Kb / 8P
   6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com