Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43L410IU-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL43L410IU-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L410IU-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL43L410IU-T Datasheet HTML 3Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 4Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 5Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 6Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 7Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 8Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 9Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 10Page - Intersil Corporation ISL43L410IU-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6090.2
July 28, 2006
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 13. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs SUPPLY VOLTAGE
VCOM (V)
01
23
4
ICOM = 100mA
0.1
0.2
0.3
0.4
0.5
0.6
0.7
V+ = 2.7V
V+ = 1.8V
V+ = 1.5V
V+ = 3.6V
V+ = 3V
VCOM (V)
00.5
11.5
22.5
3
0.18
0.2
0.22
0.24
0.26
0.28
0.3
0.32
25°C
85°C
-40°C
V+ = 2.7V
ICOM = 100mA
0
0.5
1
1.5
2
VCOM (V)
85°C
-40°C
V+ = 1.8V
ICOM = 100mA
0.2
0.25
0.3
0.35
0.4
0.45
0.5
25°C
00.511.522.5
3
VCOM (V)
V+ = 1.8V
V+ = 3V
100
75
50
25
0
-50
-25
V+ (V)
1
1.5
2
2.5
33.5
44.5
10
20
30
40
50
60
25°C
85°C
-40°C
V+ (V)
1
1.522.5
33.5
4
4.5
3
4
5
6
7
8
9
10
11
12
13
14
85°C
-40°C
25°C
ISL43L410


Similar Part No. - ISL43L410IU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L410IU-T INTERSIL-ISL43L410IU-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IU-T RENESAS-ISL43L410IU-T Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
More results

Similar Description - ISL43L410IU-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L410 RENESAS-ISL43L410 Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410 INTERSIL-ISL43L410 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com