Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4489EIB Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL4489EIB
Description  짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4489EIB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL4489EIB Datasheet HTML 4Page - Intersil Corporation ISL4489EIB Datasheet HTML 5Page - Intersil Corporation ISL4489EIB Datasheet HTML 6Page - Intersil Corporation ISL4489EIB Datasheet HTML 7Page - Intersil Corporation ISL4489EIB Datasheet HTML 8Page - Intersil Corporation ISL4489EIB Datasheet HTML 9Page - Intersil Corporation ISL4489EIB Datasheet HTML 10Page - Intersil Corporation ISL4489EIB Datasheet HTML 11Page - Intersil Corporation ISL4489EIB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6074.3
FIGURE 10. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL4489E)
FIGURE 11. DRIVER SKEW vs TEMPERATURE (ISL4489E)
FIGURE 12. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL4491E)
FIGURE 13. DRIVER SKEW vs TEMPERATURE
(ISL4491E)
FIGURE 14. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL4489E)
FIGURE 15. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL4489E)
Typical Performance Curves VCC = 5V, TA = 25°C; Unless Otherwise Specified (Continued)
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLHY
tPHLY
tPLHZ
tPHLZ
450
500
550
600
650
700
750
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSS PT. OF Y
↑ & Z↓ - CROSS PT. OF Y↓ & Z↑|
0
50
100
150
200
250
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLHY
tPHLZ
tPLHZ
16
18
20
22
24
26
28
30
tPHLY
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
↑ & Z↓ - CROSSING PT. OF Y↓ & Z↑|
0
1
2
3
4
5
TIME (400ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
0
5
DI
RO
Y
Z
5
TIME (400ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
0
5
DI
RO
Y
Z
5
ISL4489E, ISL4491E


Similar Part No. - ISL4489EIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4489EIB INTERSIL-ISL4489EIB Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489EIB RENESAS-ISL4489EIB Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4489EIB-T INTERSIL-ISL4489EIB-T Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL4489EIBZ INTERSIL-ISL4489EIBZ Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489EIBZ RENESAS-ISL4489EIBZ Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results

Similar Description - ISL4489EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4489E RENESAS-ISL4489E Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E Datasheet
526Kb / 13P
   -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com