Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L120 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL43L120
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L120 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6091.2
ISL43L120, ISL43L121, ISL43L122
Ultra Low ON-Resistance, Single Supply,
Dual SPST Analog Switches
The Intersil ISL43L120, ISL43L121, ISL43L122 devices are
low ON-resistance, low voltage, bidirectional, precision, dual
single-pole/single-throw (SPST) analog switches designed
to operate from a single +1.65V to +3.6V supply. Targeted
applications include battery powered equipment that benefit
from low RON (0.16Ω), low power consumption (0.12µW)
and fast switching speeds (tON = 13ns, tOFF = 13ns).
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This family of parts may be used to
switch in additional functionality while reducing ASIC design
risk. The ISL43L12X are offered in an 8 Ld MSOP package,
alleviating board space limitations.
The ISL43L120, ISL43L121, ISL43L122 are dual single-
pole/single-throw (SPST) devices. The ISL43L120 has two
normally open (NO) switches; the ISL43L121 has two
normally closed (NC) switches; the ISL43L122 has one
normally open (NO) and one normally closed (NC) switch
and can be used as an SPDT.
Table 1 summarizes the performance of this family.
Related Literature
Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”.
Application Note AN557 “Recommended Test Procedures
for Analog Switches”.
Features
• Low ON Resistance (RON)
- V+ = 3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.16
- V+ = 1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.26
•RON Matching Between Channels . . . . . . . . . . . . 0.005Ω
•RON Flatness Over Signal Range . . . . . . . . . . . . . . 0.008Ω
• Single Supply Operation. . . . . . . . . . . . . . . . +1.65V to +3.6V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . <0.12µW
• Fast Switching Action (V+ = 3.0V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >8kV
• 1.8V Logic Compatible (+3V Supply)
• Available in 8-Ld thin DFN and 8-Ld MSOP Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
TABLE 1. FEATURES AT A GLANCE
ISL43L120
ISL43L121
ISL43L122
NUMBER OF
SWITCHES
222
SW 1/SW 2
NO/NO
NC/NC
NO/NC
1.8V RON
0.26
0.26
0.26
1.8V tON/tOFF
30ns/25ns
30ns/25ns
30ns/25ns
3V RON
0.16
0.16
0.16
3V tON/tOFF
13ns/13ns
13ns/13ns
13ns/13ns
PACKAGES
8Ld 3x3 TDFN, 8Ld MSOP
Data Sheet
June 23, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn