Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY172M Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # CNY172M
Description  Phototransistor Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY172M Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button CNY172M Datasheet HTML 5Page - Fairchild Semiconductor CNY172M Datasheet HTML 6Page - Fairchild Semiconductor CNY172M Datasheet HTML 7Page - Fairchild Semiconductor CNY172M Datasheet HTML 8Page - Fairchild Semiconductor CNY172M Datasheet HTML 9Page - Fairchild Semiconductor CNY172M Datasheet HTML 10Page - Fairchild Semiconductor CNY172M Datasheet HTML 11Page - Fairchild Semiconductor CNY172M Datasheet HTML 12Page - Fairchild Semiconductor CNY172M Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
www.fairchildsemi.com
CNY17X, CNY17FX, MOC810X Rev. 1.0.6
Figure 20. Switching Time Test Circuit
Figure 21. Switching Time Test Circuit
RL
IF
IC
VCC
OUTPUT (VCE)
INPUT
INPUT PULSE
OUTPUT PULSE
ton
toff
tr
td
tf
ts
10%
90%
Fig. 19 Dark Current vs. Ambient Temperature
(Black Package)
TA - AMBIENT TEMPERATURE (°C)
025
50
75
100
125
10-6
10-5
10-4
10-3
10-2
10-1
100
101
VCE = 10 V


Similar Part No. - CNY172M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY172M FAIRCHILD-CNY172M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY172M FAIRCHILD-CNY172M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY172M FAIRCHILD-CNY172M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results

Similar Description - CNY172M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com