Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43L410 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL43L410
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L410 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL43L410_06 Datasheet HTML 3Page - Intersil Corporation ISL43L410_06 Datasheet HTML 4Page - Intersil Corporation ISL43L410_06 Datasheet HTML 5Page - Intersil Corporation ISL43L410_06 Datasheet HTML 6Page - Intersil Corporation ISL43L410_06 Datasheet HTML 7Page - Intersil Corporation ISL43L410_06 Datasheet HTML 8Page - Intersil Corporation ISL43L410_06 Datasheet HTML 9Page - Intersil Corporation ISL43L410_06 Datasheet HTML 10Page - Intersil Corporation ISL43L410_06 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6090.2
July 28, 2006
ISL43L410
Thin Dual Flat No-Lead Plastic Package (TDFN)
//
NX (b)
SECTION "C-C"
FOR ODD TERMINAL/SIDE
e
CC
5
C
L
TERMINAL TIP
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
C
0.10
0.08
SIDE VIEW
0.10
2X
E
A
B
C
0.10
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
L1
9 L
M
L10.3x3A
10 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.20
0.25
0.30
5, 8
D
2.95
3.0
3.05
-
D2
2.25
2.30
2.35
7, 8
E
2.95
3.0
3.05
-
E2
1.45
1.50
1.55
7, 8
e
0.50 BSC
-
k
0.25
-
-
-
L
0.25
0.30
0.35
8
N
10
2
Nd
5
3
Rev. 3 3/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
9. Compliant to JEDEC MO-229-WEED-3 except for D2
dimensions.


Similar Part No. - ISL43L410_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L410IR INTERSIL-ISL43L410IR Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IR RENESAS-ISL43L410IR Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410IR-T INTERSIL-ISL43L410IR-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IR-T RENESAS-ISL43L410IR-T Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410IRZ INTERSIL-ISL43L410IRZ Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
More results

Similar Description - ISL43L410_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L410 RENESAS-ISL43L410 Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410 INTERSIL-ISL43L410 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com