Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43485 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL43485
Description  3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43485 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL43485 Datasheet HTML 3Page - Intersil Corporation ISL43485 Datasheet HTML 4Page - Intersil Corporation ISL43485 Datasheet HTML 5Page - Intersil Corporation ISL43485 Datasheet HTML 6Page - Intersil Corporation ISL43485 Datasheet HTML 7Page - Intersil Corporation ISL43485 Datasheet HTML 8Page - Intersil Corporation ISL43485 Datasheet HTML 9Page - Intersil Corporation ISL43485 Datasheet HTML 10Page - Intersil Corporation ISL43485 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6071.1
March 15, 2005
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards for use in long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transceivers are also RS-422 compliant. RS-422 is a point-
to-multipoint (multidrop) standard, which allows only one
driver and up to 10 (assuming one unit load devices)
receivers on each bus. RS-485 is a true multipoint standard,
which allows up to 32 one unit load devices (any
combination of drivers and receivers) on each bus. To allow
for multipoint operation, the RS-485 spec requires that
drivers must handle bus contention without sustaining any
damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as
long as 4000’, so the wide CMR is necessary to handle
ground potential differences, as well as voltages induced in
the cable by external fields.
Receiver Features
This device utilizes a differential input receiver for maximum
noise immunity and common mode rejection. Input
sensitivity is ±200mV, as required by the RS422 and RS-485
specifications.
Receiver input impedance surpasses the RS-422 spec of
4k
Ω, and meets the RS-485 “Unit Load” requirement of 12kΩ
minimum.
Receiver inputs function with common mode voltages as
great as +9V/-7V outside the power supplies (i.e., +12V and
-7V), making them ideal for long networks where induced
voltages are a realistic concern.
All the receivers include a “fail-safe if open” function that
guarantees a high level receiver output if the receiver inputs
are unconnected (floating).
The receiver easily meets the data rate supported by the
driver, and the receiver output is tri-statable via the active
low RE input.
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RECEIVER DATA RATE AND PROPAGATION DELAY
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
SIGNAL
GENERATOR
R
RO
RE
A
B
GND
+1.5V
15pF
RO
3V
0V
tPLH
1.5V
1.5V
VCC
0V
50%
50%
tPHL
A
1k
VCC
GND
SW
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0
-1.5V
VCC
tZH (Note 6)
0
+1.5V
GND
tZL (Note 6)
0
-1.5V
VCC
tZH(SHDN) (Note 9)
0
+1.5V
GND
tZL(SHDN) (Note 9)
0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
GND
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.25V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.25V
tLZ
RE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
NOTE 7
NOTE 7
NOTE 7
ISL43485


Similar Part No. - ISL43485

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
ISL43485 INTERSIL-ISL43485 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485IB INTERSIL-ISL43485IB Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Renesas Technology Corp
ISL43485IB RENESAS-ISL43485IB Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results

Similar Description - ISL43485

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com