Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM1001-QH-0G00 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XM1001-QH-0G00
Description  10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1001-QH-0G00 Datasheet(HTML) 1 Page - Mimix Broadband

  XM1001-QH-0G00 Datasheet HTML 1Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 2Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 3Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 4Page - Mimix Broadband XM1001-QH-0G00 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 15-Feb-07
General Description
Mimix Broadband’s 10.0-34.0 GHz GaAs MMIC
fundamental image reject mixer with high linearity has
a conversion loss of 8.0 dB with a 20.0 dB image
rejection across the band. I and Q mixer outputs are
provided and an external 90 degree hybrid is required
to select the desired sideband. This MMIC uses Mimix
Broadband’s 0.15 µm GaAs PHEMT device model
technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity. The device comes in a low-cost 4x4 mm
QFN surface mount plastic package. This device is well
suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
10.0-34.0 GHz Image Reject Mixer
QFN, 4x4 mm
+0.3 VDC
+20.0 dBm
+20.0 dBm
-65 to +165 OC
-55 to +125 OC
Absolute Maximum Ratings
Fundamental Image Reject Mixer
6.0 dB Conversion Loss
20.0 dB Image Rejection
+25.0 dBm Input Third Order Intercept (IIP3)
4x4 mm, QFN -- ROHS Compliant
Features
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Input Power (IF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Page 1 of 5
Electrical Characteristics (AmbientTemperatureT = 25o C)
Units
GHz
GHz
GHz
dB
dB
dB
dB
dBm
dBc
dB
dB
dB
dBm
VDC
Min.
10.0
8.0
DC
-
-
-
-
12.0
-
-
-
-
-
-2.0
Typ.
-
-
-
10.0
TBD
TBD
6.0
15.0
20.0
16.0
TBD
TBD
+25.0
-0.5
Max.
34.0
36.0
4.0
-
-
-
-
18.0
-
-
-
-
-
+0.1
Parameter
Frequency Range (RF)
Frequency Range (LO)
Frequency Range (IF)
RF Return Loss (S11)
IF Return Loss (S22)
LO Return Loss (S33)
Conversion Loss (S21)
LO Input Drive (PLO)
Image Rejection
Isolation LO/RF
Isolation LO/IF
Isolation RF/IF
Input Third Order Intercept (IIP3)
Gate Bias Voltage (Vg1)
M1001-QH


Similar Part No. - XM1001-QH-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-QH-0G00 MIMIX-XM1001-QH-0G00 Datasheet
307Kb / 6P
   10.0-33.0 GHz Image Reject Mixer QFN, 4x4 mm
More results

Similar Description - XM1001-QH-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-QH MIMIX-XM1001-QH_07 Datasheet
307Kb / 6P
   10.0-33.0 GHz Image Reject Mixer QFN, 4x4 mm
XM1002-BD MIMIX-XM1002-BD Datasheet
324Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1002 MIMIX-XM1002 Datasheet
320Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6530 AVAGO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Peregrine Semiconductor
PE41901 PSEMI-PE41901 Datasheet
541Kb / 21P
   Image Reject Mixer, 10??9 GHz
logo
Broadcom Corporation.
AMMP-6530 BOARDCOM-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
DEMO-AMMP-6530 BOARDCOM-DEMO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com