Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX82A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CNX82A
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX82A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CNX82A_1 Datasheet HTML 1Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 2Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 3Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 4Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 5Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 6Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
4/13/00
200024D
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7352417
CNX82A.W, CNX83A.W, SL5582.W & SL5583.W
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
ALL
1.2
1.50
V
Input Forward Voltage
Reverse Leakage Current
(VR = 5.0 V)
IR
ALL
0.001
10
µA
DETECTOR
(IC = 1.0 mA, IF = 0)
BVCEO
ALL
50
100
V
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
(IC = 100 µA, IF = 0)
BVCBO
CNX83A.W
70
120
V
SL5583.W
Emitter-Collector Breakdown Voltage
(IE = 100 µA, IF = 0)
BVECO
ALL
7
10
V
(VCE = 10 V, IF = 0)
ALL
0.001
0.050
CNX82A.W
0.5
10
(VCE = 10 V, IF = 0)
CNX83A.W
Collector-Emitter Dark Current
(TA = 70°C)
ICEO
SL5582.W
0.5
µA
SL5583.W
(VCE = 10 V, IF = 0)
SL5582.W
50
(TA = 100°C)
SL5583.W
Collector-Base Dark Current
(VCB = 10 V)
ICBO
CNX83A.W
20
nA
SL5583.W
Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
ALL
8
pF
INDIVIDUAL COMPONENT CHARACTERISTICS
Note
** Typical values at TA = 25°C


Similar Part No. - CNX82A_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNX82A.300W FAIRCHILD-CNX82A.300W Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNX82A.W QT-CNX82A.W Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
More results

Similar Description - CNX82A_1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com