Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNX82A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. CNX82A
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

CNX82A Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6
1
FEATURES
• Input/Output pin distance 10.16 mm
• UL recognized (File # E90700)
DESCRIPTION
The CNX82A.W, CNX83A.W, SL5582.W AND SL5583.W,
consist of a gallium arsenide infrared emitting diode driving a
silicon phototransistor in a 6-pin dual in-line package.
2
1
3NC
5
6
NC
SCHEMATIC
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. NO CONNECTION
CNX82A.W
SL5582.W
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. BASE
CNX83A.W
SL5583.W
4
2
1
3NC
5
6
4
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
CNX82A.W, CNX83A.W, SL5582.W & SL5583.W
APPLICATIONS
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
PACKAGE DIMENSIONS
0.016 (0.40)
0.008 (0.20)
0.070 (1.78)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
0.154 (3.90)
0.100 (2.54)
0.200 (5.08)
0.115 (2.92)
0.004 (0.10)
MIN
0.270 (6.86)
0.240 (6.10)
0.400 (10.16)
TYP
0° to 15°
0.022 (0.56)
0.016 (0.41)
0.100 (2.54) TYP
NOTE
All dimensions are in inches (millimeters)
4/13/00
200024D
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Junction Temperature
TJ
125
°C
Total Device Power Dissipation @ TA = 25°CPD
250
mW
EMITTER
IF
100
mA
DC/Average Forward Input Current
Reverse Input Voltage
VR
5.0
V
Forward Current - Peak (1µs pulse, 300pps)
IF(pk)
3.0
A
LED Power Dissipation @ TA = 25°C
PD
140
mW
Derate above 25°C
1.33
mW/°C
DETECTOR
VCEO
50
V
Collector-Emitter Voltage
Collector-Base Voltage (CNX83A)
VCBO
70
V
Emitter-Collector Voltage
VECO
7V
Continuous Collector Current
IC
100
mA
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
ABSOLUTE MAXIMUM RATINGS


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn