Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XD1005-BD-000V Datasheet(PDF) 5 Page - Mimix Broadband

Part # XD1005-BD-000V
Description  10.0-40.0 GHz GaAs MMIC Distributed Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1005-BD-000V Datasheet(HTML) 5 Page - Mimix Broadband

  XD1005-BD-000V Datasheet HTML 1Page - Mimix Broadband XD1005-BD-000V Datasheet HTML 2Page - Mimix Broadband XD1005-BD-000V Datasheet HTML 3Page - Mimix Broadband XD1005-BD-000V Datasheet HTML 4Page - Mimix Broadband XD1005-BD-000V Datasheet HTML 5Page - Mimix Broadband XD1005-BD-000V Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
App Note [1] Biasing – As shown in the bonding diagram, this device operates using a self-biased architecture and only requires one drain
bias. Bias is nominally Vd=5V, Id=190 mA.
App Note [2] Bias Arrangement - Each DC pad (Vd) needs to have DC bypass capacitance (~100-200 pF) as close to the device as possible.
Additional DC bypass capacitance (~0.01 uF) is also recommended.
MTTF Graphs
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
10.0-40.0 GHz GaAs MMIC
Distributed Amplifier
D1005-BD
XD1005-BD Vd=5.0 V Id=175 mA
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XD1005-BD Vd=5.0 V Id=175 mA
1.00E+00
1.00E+01
1.00E+02
1.00E+03
1.00E+04
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XD1005-BD Vd=5.0 V Id=175 mA
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XD1005-BD Vd=5.0 V Id=175 mA
100
110
120
130
140
150
160
170
180
190
200
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2007 - Rev 16-Jan-07


Similar Part No. - XD1005-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1005-QT MIMIX-XD1005-QT Datasheet
197Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1005-QT-0G00 MIMIX-XD1005-QT-0G00 Datasheet
197Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1005-QT-EV1 MIMIX-XD1005-QT-EV1 Datasheet
197Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
More results

Similar Description - XD1005-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1005-QT MIMIX-XD1005-QT Datasheet
197Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1004-QT MIMIX-XD1004-QT Datasheet
190Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1011-BD MIMIX-XP1011-BD Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
   26.0-40.0 GHz GaAs MMIC Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com