Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XB1007-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part No. XB1007-BD
Description  4.0-11.0 GHz GaAs MMIC Buffer Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo 

XB1007-BD Datasheet(HTML) 6 Page - Mimix Broadband

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
S-Parameters
Page 6 of 9
4.0-11.0 GHz GaAs MMIC
Buffer Amplifier
B1007-BD
Typcial S-Parameter Data for XB1007-BD
Vd=4.5 V, Id=130 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
0.045
0.978
-4.96
0.025
-167.48
0.0012
2.71
1.000
-3.23
1.0
0.558
-47.76
2.108
96.03
0.0001
-117.16
0.881
-75.42
2.0
0.292
-50.93
5.334
55.58
0.0009
141.34
0.646
-133.66
3.0
0.211
-59.68
8.848
17.23
0.0016
81.43
0.502
176.53
4.0
0.189
-81.69
12.975
-20.85
0.0013
32.52
0.392
126.19
5.0
0.148
-92.58
16.002
-61.20
0.0010
14.48
0.299
71.12
6.0
0.049
-131.19
17.813
-103.17
0.0006
-143.50
0.235
2.95
7.0
0.031
103.39
16.657
-140.92
0.0010
90.00
0.183
-58.81
8.0
0.052
40.99
16.006
-173.62
0.0018
76.58
0.177
-98.54
9.0
0.089
14.70
14.867
154.53
0.0027
60.07
0.160
-133.12
10.0
0.044
20.61
14.065
123.27
0.0021
-3.97
0.127
-159.96
11.0
0.014
91.02
12.785
91.14
0.0014
-34.03
0.049
-166.81
12.0
0.058
124.81
11.218
59.48
0.0018
-103.20
0.074
-66.32
13.0
0.141
114.80
9.492
28.22
0.0021
-159.33
0.216
-78.40
14.0
0.223
104.74
7.781
-2.27
0.0037
160.77
0.370
-101.39
15.0
0.279
92.29
6.067
-31.02
0.0041
132.87
0.501
-122.23
16.0
0.329
77.30
4.663
-57.12
0.0038
133.16
0.610
-142.71
17.0
0.361
67.40
3.548
-80.79
0.0030
141.13
0.693
-159.49
18.0
0.376
60.85
2.701
-103.10
0.0058
134.50
0.760
-175.38
19.0
0.373
52.87
2.084
-123.45
0.0082
102.56
0.794
170.52
20.0
0.361
48.90
1.623
-142.31
0.0105
61.49
0.804
159.64
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 06-Mar-07


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn