Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL81487EIP Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL81487EIP
Description  짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81487EIP Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL81487EIP Datasheet HTML 4Page - Intersil Corporation ISL81487EIP Datasheet HTML 5Page - Intersil Corporation ISL81487EIP Datasheet HTML 6Page - Intersil Corporation ISL81487EIP Datasheet HTML 7Page - Intersil Corporation ISL81487EIP Datasheet HTML 8Page - Intersil Corporation ISL81487EIP Datasheet HTML 9Page - Intersil Corporation ISL81487EIP Datasheet HTML 10Page - Intersil Corporation ISL81487EIP Datasheet HTML 11Page - Intersil Corporation ISL81487EIP Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6051.7
February 27, 2006
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards for use in long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transceivers are also RS-422 compliant. RS-422 is a point-
to-multipoint (multidrop) standard, which allows only one
driver and up to 10 (assuming one unit load devices)
receivers on each bus. RS-485 is a true multipoint standard,
which allows up to 32 one unit load devices (any
combination of drivers and receivers) on each bus. To allow
for multipoint operation, the RS-485 spec requires that
drivers must handle bus contention without sustaining any
damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as
long as 4000’, so the wide CMR is necessary to handle
ground potential differences, as well as voltages induced in
the cable by external fields.
Receiver Features
These devices utilize a differential input receiver for maximum
noise immunity and common mode rejection. Input sensitivity
is
±200mV, as required by the RS-422 and RS-485
specifications.
Receiver input resistance of 96k
Ω surpasses the RS-422
spec of 4k
Ω, and is eight times the RS-485 “Unit Load (UL)”
requirement of 12k
Ω minimum. Thus, these products are
known as “one-eighth UL” transceivers, and there can be up
to 256 of these devices on a network while still complying
with the RS-485 loading spec.
Receiver inputs function with common mode voltages as
great as
±7V outside the power supplies (i.e., +12V and
-7V), making them ideal for long networks where induced
voltages are a realistic concern.
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RECEIVER PROPAGATION DELAY
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
SIGNAL
GENERATOR
R
RO
RE
A
B
+1.5V
15pF
RO
3V
0V
tPLH
1.5V
1.5V
VCC
0V
50%
50%
tPHL
A
1k
VCC
GND
SW
(SHDN) for ISL8487E and ISL81487L only.
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0-1.5V
VCC
tZH (Note 6)
0
+1.5V
GND
tZL (Note 6)
0
-1.5V
VCC
tZH(SHDN) (Note 7)
0
+1.5V
GND
tZL(SHDN) (Note 7)
0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
NOTE 7
NOTE 7
NOTE 7
ISL8487E, ISL81487L, ISL81487E


Similar Part No. - ISL81487EIP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81487EIP INTERSIL-ISL81487EIP Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL81487EIP RENESAS-ISL81487EIP Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL81487EIPZ INTERSIL-ISL81487EIPZ Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL81487EIPZ RENESAS-ISL81487EIPZ Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL81487EIP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com