Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7005-SP-0G00 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CGB7005-SP-0G00
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7005-SP-0G00 Datasheet(HTML) 1 Page - Mimix Broadband

  CGB7005-SP-0G00 Datasheet HTML 1Page - Mimix Broadband CGB7005-SP-0G00 Datasheet HTML 2Page - Mimix Broadband CGB7005-SP-0G00 Datasheet HTML 3Page - Mimix Broadband CGB7005-SP-0G00 Datasheet HTML 4Page - Mimix Broadband CGB7005-SP-0G00 Datasheet HTML 5Page - Mimix Broadband CGB7005-SP-0G00 Datasheet HTML 6Page - Mimix Broadband CGB7005-SP-0G00 Datasheet HTML 7Page - Mimix Broadband CGB7005-SP-0G00 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
Page 1 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7005-SC (-BD)
Features
Low Operating Voltage: 5V
32.5 dBm Output IP3 @ 850 MHz
3.2 dB Noise Figure @ 850 MHz
21.0 dB Gain @ 850 MHz
17.6 dBm P1dB @ 850 MHz
Low Performance Variation Over Temperature
Low Cost: Die Form or SOT-89 Package
100% DC On-Wafer Testing
ESD Protection on All Die: >1000V HBM
Low Thermal Resistance: <85ºC/Watt
PA Driver Amp, IF Amp, LO Buffer Amp
Cellular, PCS, GSM, UMTS
Wireless Data and SATCOM
Transmit and Receive Functions
CATV
Applications
Electrical Characteristics
Unless otherwise specified, the following specifications are guaranteed at room temperature in a Mimix test fixture.
Notes: 1. Test Conditions in Mimix eval board, Vs = 5 V, Id = 63 mA Typ., Rbias = 15
, Zs = Zl = 50
, OIP3 tone spacing = 1 MHz, Pout per tone = 3 dBm.
2. Values reflect performance in recommended application circuit.
850 MHz
1950 MHz
2400 MHz
3500 MHz
Units
Max.
Typ.
Min.
Max.
Typ.
Min.
Max.
Typ.
Min.
Max.
Typ.
Min.
Temperature (ºC)
Parameter
Small Signal Gain
Output P1dB
Output IP3
Noise Figure
Operating Current
Input Return Loss
Output Return Loss
Pout @ -45 dBc, ACP
IS-95, 9 Forward Channels
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
20.0
19.7
16.6
16.3
31.0
30.5
59
54
14
13
15
14
21.0
21.0
17.6
17.6
32.5
32.0
3.2
3.2
63
63
19
19
22
22
11
11
22.0
22.3
4.0
4.3
67
73
17.2
16.9
16.2
15.9
29.0
28.5
59
54
14
13
13.5
12.5
18.2
18.2
17.2
17.2
30.5
30.5
3.2
3.2
63
63
18
18
17.5
17.5
11
11
19.2
19.5
4.0
4.3
67
73
15.7
15.4
15.6
15.3
28.0
27.5
59
54
13
12
16
15
16.9
16.9
16.6
16.6
29.5
29.5
3.3
3.3
63
63
17.5
17.5
20
20
18.1
18.4
4.1
4.4
67
73
15.5
14.3
27.0
3.3
63
14.5
17
dB
dB
dBm
dBm
dBm
dBm
dB
dB
mA
mA
dB
dB
dB
dB
dBm
dBm
Functional Block Diagram (SOT-89)
Input
Ground Output
Bias
Ground
1
2
3
4
Max Device Voltage
Max Device Current
Max Device Dissipated Power
RF Input Power
Storage Temperature
Junction Temperature
Operating Temperature
Thermal Resistance
EDS (HBM)
+6.0 V
130 mA
0.65 W
+17 dBm
-55ºC to 150ºC
150ºC
-40ºC to +85ºC
85º C/W
1000 V
Absolute Maximum Ratings
Operation of this device above any of these parameters may cause
permanent damage.
August 2006 - Rev 31-Aug-06
Description
The CGB7005-SC (-BD) is a Darlington Configured, high dynamic
range, utility gain block amplifier. Designed for applications
operating within the DC to 6.0 GHz frequency range, Mimix’s
broadband, cascadable, gain block amplifiers are ideal solutions for
transmit, receive and IF applications.
These MMIC amplifiers are available in bare die form or an industry
standard SOT-89 package. Mimix's InGaP HBT technology and an
industry low thermal resistance offers a thermally robust and
reliable gain block solution.
The InGaP HBT die have extra pads to enable thorough DC testing.
This unique test capability and the inclusion of ESD protection on
all die, significantly enhances the quality, reliability and ruggedness
of these products.
With a single bypass capacitor, optional RF choke and two DC
blocking capacitors, this gain block amplifier offers significant ease
of use in a broad range of applications.


Similar Part No. - CGB7005-SP-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7005-SP-0G00 MIMIX-CGB7005-SP-0G00 Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7005-SP-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC_07 Datasheet
222Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7009-SC_0608 MIMIX-CGB7009-SC_0608 Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7001-SC_0609 MIMIX-CGB7001-SC_0609 Datasheet
750Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC Datasheet
473Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7005-SC MIMIX-CGB7005-SC Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC Datasheet
541Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-SC_0609 MIMIX-CGB7010-SC_0609 Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7004-SC_0608 MIMIX-CGB7004-SC_0608 Datasheet
513Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com