Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C3V0 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BZX55C3V0
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX55C3V0 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BZX55C3V0 Datasheet HTML 1Page - Fairchild Semiconductor BZX55C3V0 Datasheet HTML 2Page - Fairchild Semiconductor BZX55C3V0 Datasheet HTML 3Page - Fairchild Semiconductor BZX55C3V0 Datasheet HTML 4Page - Fairchild Semiconductor BZX55C3V0 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
BZX55C2V4 - BZX55C91 Rev. C1
Electrical Characteristics (Continued) T
a=25°C unless otherwise noted
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
2. Maximum Zener Current Ratings (IZM)
The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve.
Device
VZ (V) @ IZ (Note 1)
ZZ @ IZ
(
Ω)
Test Current
IZ (mA)
IR (µA) @ VR
IZM
(mA)
(Note 2)
Min.
Max.
Ta = 25°CTa = 125°CVR (V)
BZX55C27
BZX55C30
BZX55C33
BZX55C36
BZX55C39
25.1
28.0
31.0
34.0
37.0
28.9
32.0
35.0
38.0
41.0
80
80
80
80
90
5
5
5
5
2.5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
5
20
22
24
27
28
14
13
12
11
10
BZX55C43
BZX55C47
BZX55C51
BZX55C56
BZX55C62
40
44
48
52
58
46
50
54
60
66
90
110
125
135
150
2.5
2.5
2.5
2.5
2.5
0.1
0.1
0.1
0.1
0.1
5
5
10
10
10
32
35
38
42
47
9.2
8.5
7.8
7.0
6.4
BZX55C68
BZX55C75
BZX55C82
BZX55C91
64
70
77
85
72
80
87
96
160
170
200
250
2.5
2.5
2.5
1
0.1
0.1
0.1
0.1
10
10
10
10
51
56
62
69
5.9
5.3
4.8
4.3
VF Forward Voltage = 1.3V Max. @ IF = 100mA


Similar Part No. - BZX55C3V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C3V0 VISHAY-BZX55C3V0 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SUNMATE electronic Co.,...
BZX55C3V0 SUNMATE-BZX55C3V0 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Rectron Semiconductor
BZX55C3V0 RECTRON-BZX55C3V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Yangzhou yangjie electr...
BZX55C3V0 YANGJIE-BZX55C3V0 Datasheet
196Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZX55C3V0 VISHAY-BZX55C3V0 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Similar Description - BZX55C3V0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com