Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM3020-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM3020-BD
Description  30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM3020-BD Datasheet(HTML) 2 Page - Mimix Broadband

  CMM3020-BD_06 Datasheet HTML 1Page - Mimix Broadband CMM3020-BD_06 Datasheet HTML 2Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30 kHz-20 GHz GaAs MMIC
Optical Modulator Driver Amplifier
Page 2 of 2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM3020-BD
August 2006 - Rev 02-Aug-06
Ordering Information
Part Number for Ordering
System Application/Description
6
1
-
M
T
S
/
8
4
-
C
O
8
4
0
0
-
D
B
-
0
2
0
3
M
M
C
4
6
-
M
T
S
/
2
9
1
-
C
O
2
9
1
0
-
D
B
-
0
2
0
3
M
M
C
Absolute Maximum Ratings
g
n
i
t
a
R
r
e
t
e
m
a
r
a
P
V
2
1
e
g
a
t
l
o
V
n
i
a
r
D
V
5
-
e
g
a
t
l
o
V
e
t
a
G
A
m
0
5
3
t
n
e
r
r
u
C
n
i
a
r
D
Continuous Power Dissipation
3.0 W
Channel Temperature
+175°C
Storage Temperature
-65°C to +175°C
Mounting Temperature
+320°C
m
B
d
3
2
+
r
e
w
o
P
t
u
p
n
I
Die Attach and Bonding Procedures
Die Attach: Eutectic die attach is recommended. For eutec-
tic die attach: Preform: AuSn (80% Au, 20% Sn); Stage
Temperature: 290°C, ±5°C; Handling Tool: Tweezers; Time: 1
min or less.
Wire Bonding: Wire Size: 0.7 to 1.0 mil in diameter (pre-
stressed); Thermocompression bonding is preferred over
thermosonic bonding.
For thermocompression bonding:
Stage Temperature: 250°C; Bond Tip Temperature: 150°C;
Bonding Tip Pressure: 18 to 40 gms depending on size of
wire.
Schematic Diagram


Similar Part No. - CMM3020-BD_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3020-BD-0048 MIMIX-CMM3020-BD-0048 Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3020-BD-0192 MIMIX-CMM3020-BD-0192 Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
More results

Similar Description - CMM3020-BD_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
   30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
Mimix Broadband
CMM3020-BD MIMIX-CMM3020-BD Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3030-BD MIMIX-CMM3030-BD Datasheet
863Kb / 5P
   30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
logo
Hittite Microwave Corpo...
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
   30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com