Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4223EIR Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL4223EIR
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4223EIR Datasheet(HTML) 1 Page - Intersil Corporation

  ISL4223EIR Datasheet HTML 1Page - Intersil Corporation ISL4223EIR Datasheet HTML 2Page - Intersil Corporation ISL4223EIR Datasheet HTML 3Page - Intersil Corporation ISL4223EIR Datasheet HTML 4Page - Intersil Corporation ISL4223EIR Datasheet HTML 5Page - Intersil Corporation ISL4223EIR Datasheet HTML 6Page - Intersil Corporation ISL4223EIR Datasheet HTML 7Page - Intersil Corporation ISL4223EIR Datasheet HTML 8Page - Intersil Corporation ISL4223EIR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6045.2
ISL4221E, ISL4223E
QFN Packaged, ±15kV ESD Protected,
+2.7V to +5.5V, 150nA, 250kBps, RS-232
Transmitters/Receivers
The Intersil ISL422XE devices are 2.7V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Additionally,
they provide ±15kV ESD protection (IEC61000-4-2 Air Gap,
and Human Body Model) on transmitter outputs and receiver
inputs (RS-232 pins). Targeted applications are PDAs,
Palmtops, and hand-held products where the low
operational, and even lower standby, power consumption is
critical. Efficient on-chip charge pumps, coupled with manual
and automatic powerdown functions, reduce the standby
supply current to a 150nA trickle. Tiny 5mmx5mm Quad Flat
No-Lead (QFN) packaging and the use of small, low value
capacitors ensure board space savings as well. Data rates
greater than 250kBps are guaranteed at worst case load
conditions.
The ISL4221E is a 1 driver, 1 receiver device and the
ISL4223E is a 2 driver, 2 receiver device that, coupled with
the 5mmx5mm QFN package, provide the industry’s
smallest, lowest power serial port suitable for PDAs, and
hand-held applications. The 5mmx5mm QFN requires 40%
less board area than a 20 lead TSSOP, and is nearly 20%
thinner.
The ISL422XE features an automatic powerdown function
that powers down the on-chip power-supply and driver
circuits. This occurs when an attached peripheral device is
shut off or the RS-232 cable is removed, conserving system
power automatically without changes to the hardware or
operating system. It powers up again when a valid RS-232
voltage is applied to any receiver input.
Table 1 summarizes the features of the ISL422XE, while
Application Note AN9863 summarizes the features of each
device comprising the 3V RS-232 family.
Features
• Available in Near Chip Scale QFN (5mmx5mm) Package
which is 40% Smaller than a 20 Lead TSSOP
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• On-Chip Voltage Converters Require Only Four External
0.1
μF Capacitors
• Manual and Automatic Powerdown Features
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . 250kBps
• Wide Power Supply Range . . . . . . Single +2.7V to +5.5V
• Low Supply Current in Powerdown State . . . . . . . . . 150nA
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Any Space Constrained System Requiring RS-232 Ports
- Battery Powered, and Portable Equipment
- Hand-Held Products (GPS Receivers, Bar Code
Scanners, etc.)
- PDAs and Palmtops, Data Cables
- Cellular/Mobile Phones, Digital Cameras
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
• ”Technical Brief TB379 “Thermal Characterization of
Packages for ICs”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
Tx.
NO. OF
Rx.
QFN PKG.
AVAILABLE?
DATA RATE
(kBps)
Rx. ENABLE
FUNCTION?
MANUAL
POWERDOWN?
AUTOMATIC POWERDOWN
FUNCTION?
ISL4221E
1
1
YES
250
YES
YES
YES
ISL4223E
2
2
YES
250
YES
YES
YES
Data Sheet
April 13, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL4223EIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4223EIR RENESAS-ISL4223EIR Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4223EIR-T INTERSIL-ISL4223EIR-T Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL4223EIR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com