Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43410 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43410
Description  Low-Voltage, Single Supply, DPDT High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43410 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43410 Datasheet HTML 1Page - Intersil Corporation ISL43410 Datasheet HTML 2Page - Intersil Corporation ISL43410 Datasheet HTML 3Page - Intersil Corporation ISL43410 Datasheet HTML 4Page - Intersil Corporation ISL43410 Datasheet HTML 5Page - Intersil Corporation ISL43410 Datasheet HTML 6Page - Intersil Corporation ISL43410 Datasheet HTML 7Page - Intersil Corporation ISL43410 Datasheet HTML 8Page - Intersil Corporation ISL43410 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6044.3
January 16, 2006
Pinouts (Note 1)
ISL43410 (MSOP)
TOP VIEW
ISL43410 (QFN)
TOP VIEW
NO1
COM1
NC1
INH
GND
V+
COM2
NO2
NC2
ADD
1
2
3
4
5
10
9
8
7
6
LOGIC
NOTE:
1. Switches Shown for Logic “0” Inputs.
1
3
4
15
N.C.
N.C.
N.C.
NO1
16
14
13
2
12
10
9
11
6
57
8
ADD
N.C.
N.C.
N.C.
Truth Table
ISL43410
INH
ADD
SWITCH ON
1
X
NONE
00
NCX
01
NOX
NOTE: Logic “0”
≤0.8V. Logic “1” ≥2.4V, with VS between 3.3V and
11V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2V to +12V)
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
ADD
Address Input Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL43410IU
3410
-40 to 85 10 Ld MSOP M10.118
ISL43410IU-T
3410
-40 to 85 10 Ld MSOP
Tape & Reel
M10.118
ISL43410IUZ
(Note)
3410Z
-40 to 85 10 Ld MSOP
(Pb-free)
M10.118
ISL43410IUZ-T
(Note)
3410Z
-40 to 85 10 Ld MSOP
Tape & Reel
(Pb-free)
M10.118
ISL43410IR
410I
-40 to 85 16 Ld QFN
L16.3X3
ISL43410IR-T
410I
-40 to 85 16 Ld QFN
Tape & Reel
L16.3X3
ISL43410IRZ
(Note)
341Z
-40 to 85 16 Ld QFN
(Pb-free)
L16.3X3
ISL43410IRZ-T
(Note)
341Z
-40 to 85 16 Ld QFN
Tape & Reel
(Pb-free)
L16.3X3
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL43410


Similar Part No. - ISL43410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
ISL43410 INTERSIL-ISL43410 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
ISL43410IR INTERSIL-ISL43410IR Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results

Similar Description - ISL43410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com