Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM0014-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM0014-BD
Description  2.0-22.0 GHz GaAs MMIC Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0014-BD Datasheet(HTML) 1 Page - Mimix Broadband

  CMM0014-BD_06 Datasheet HTML 1Page - Mimix Broadband CMM0014-BD_06 Datasheet HTML 2Page - Mimix Broadband CMM0014-BD_06 Datasheet HTML 3Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.0-22.0 GHz GaAs MMIC
Power Amplifier
Page 1 of 3
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM0014-BD
August 2006 - Rev 02-Aug-06
2.0 to 22.0 GHz
GaAs MMIC
Power Amplifier
Advanced Product Information
August 2004
(1 of 3)
Features
Small Size: 45 x 92 mils
High Gain: 11.5 dB, Nom
Medium Power: +25 dBm, Typ P1dB @14 GHz
Directly Cascadable – Fully Matched
Unconditionally Stable
Single Bias Operation
Bias Control
pHEMT Technology
Silicon Nitride Passivation
Specifications (TA = 25°C, Vdd = 8V)1
x
a
M
p
y
T
n
i
M
s
t
i
n
U
s
r
e
t
e
m
a
r
a
P
0
.
2
2
0
.
2
z
H
G
e
g
n
a
R
y
c
n
e
u
q
e
r
F
5
.
3
1
0
.
0
1
B
d
n
i
a
G
l
a
n
g
i
S
ll
a
m
S
8
.
0
B
d
±
s
s
e
n
t
a
l
F
n
i
a
G
5
3
.
0
B
d
±
)
C
°
5
8
+
o
t
C
°
0
4
-
(
n
o
i
t
a
i
r
a
V
n
i
a
G
0
.
0
1
-
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
0
.
9
-
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
Power Output (@1 dB Gain Compression) 1
dBm
22.5
5
.
4
m
B
d
)
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
o
r
e
v
o
(
n
o
i
t
a
i
r
a
V
B
d
1
P
5
2
.
0
m
B
d
±
)
C
°
5
8
+
o
t
C
°
0
4
-
(
n
o
i
t
a
i
r
a
V
B
d
1
P
0
.
9
2
0
.
4
2
m
B
d
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
0
.
8
4
m
B
d
z
H
G
0
1
@
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
n
o
c
e
S
5
.
7
3
m
B
d
z
H
G
0
1
@
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
5
.
7
B
d
e
r
u
g
i
F
e
s
i
o
N
0
4
3
5
9
2
0
5
2
A
m
t
n
e
r
r
u
C
0
.
3
3
W
/
C
°
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Stability 2
Unconditionally Stable
Absolute Maximum Ratings
g
n
i
t
a
R
r
e
t
e
m
a
r
a
P
)
.
x
a
m
(
V
9
/
)
.
n
i
m
(
V
7
e
g
a
t
l
o
V
n
i
a
r
D
A
m
0
5
3
t
n
e
r
r
u
C
n
i
a
r
D
Continuous Power Dissipation
2.8 W
m
B
d
0
2
+
r
e
w
o
P
t
u
p
n
I
Storage Temperature
-50°C to +150°C
Channel Temperature
+175°C
Operating Backside Temperature
-40 to (see note 2)°C
Die Attach and Bonding Procedures
Die Attach: Eutectic die attach is recommended. For eutec-
tic die attach: Preform: AuSn (80% Au, 20% Sn); Stage
Temperature: 290°C, ±5°C; Handling Tool: Tweezers; Time: 1
min or less.
Wire Bonding: Wire Size: 0.7 to 1.0 mil in diameter (pre-
stressed); Thermocompression bonding is preferred over
thermosonic bonding.
For thermocompression bonding:
Stage Temperature: 250°C; Bond Tip Temperature: 150°C;
Bonding Tip Pressure: 18 to 40 gms depending on size of
wire.
Chip Diagram
Notes: 1. Tested on Celeritek Connectorized evaluation board (standard assembly condition detailed on page 3).
2. Stability factor measured on-wafer.
Notes: 1. Operation outside these limits can cause permanent damage.
2. Calculation maximum operating temperature:
Tmax = 175–(Pdis [W] x 33.0) [°C].


Similar Part No. - CMM0014-BD_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0014-BD-000V MIMIX-CMM0014-BD-000V Datasheet
198Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_07 Datasheet
198Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_09 Datasheet
284Kb / 9P
   2.0-22.0 GHz GaAs MMIC
More results

Similar Description - CMM0014-BD_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0015-BD MIMIX-CMM0015-BD Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_07 Datasheet
198Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
   2.0-22.0 GHz GaAs MMIC
CMM0014-BD MIMIX-CMM0014-BD_09 Datasheet
284Kb / 9P
   2.0-22.0 GHz GaAs MMIC
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
   2.0 to 22.0 GHz GaAs MMIC Power Amplifer
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
   GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com