Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7389-SC_0607 Datasheet(PDF) 6 Page - Mimix Broadband

Part No. CGB7389-SC_0607
Description  2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7389-SC_0607 Datasheet(HTML) 6 Page - Mimix Broadband

Back Button CGB7389-SC_0607 Datasheet HTML 2Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 3Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 4Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 5Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 6Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 7Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 8Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 9Page - Mimix Broadband CGB7389-SC_0607 Datasheet HTML 10Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Page 6 of 15
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical S-Parameter and Noise Performance: 2450 MHz, 5V (Matched for 2.1-2.5 GHz Operation)
2.1-2.5 GHz InGaP HBT
Matched Gain Block Amplifier
CGB7389-SC
P1dB Vs Frequency
23.5
24
24.5
25
25.5
5
.
2
5
4
.
2
4
.
2
Frequency (GHz)
25 C
-40 C
85 C
Matched for 2.1-2.5
GHz Operation
Active Bias, Vs = 5V
OIP3 Vs Frequency
36
38
40
42
44
46
5
.
2
5
4
.
2
4
.
2
Frequency (GHz)
25 C
-40 C
85 C
1 MHz separation, 11 dBm/tone,
Matched for 2.1-2.5
GHz Operation
Active Bias, Vs = 5V
July 2006 - Rev 26-Jul-06


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn