Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7289-SC_0609 Datasheet(PDF) 5 Page - Mimix Broadband

Part No. CGB7289-SC_0609
Description  DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7289-SC_0609 Datasheet(HTML) 5 Page - Mimix Broadband

  CGB7289-SC_0609 Datasheet HTML 1Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 2Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 3Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 4Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 5Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 6Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 7Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 8Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
|S12| Vs Frequency
-28
-26
-24
-22
-20
-18
1.75
1.8
1.85
1.9
1.95
2
2.05
Frequency (GHz)
25 C
-40 C
85 C
Matched for 1.9 GHz Operation
Active Bias, Vs = 5V
|S21| Vs Frequency
13.5
14
14.5
15
15.5
16
16.5
1.75
1.8
1.85
1.9
1.95
2
2.05
Frequency (GHz)
25 C
-40 C
85 C
Matched for 1.9 GHz
Operation
Active Bias, Vs = 5V
|S11| Vs Frequency
-20
-18
-16
-14
-12
-10
1.75
1.8
1.85
1.9
1.95
2
2.05
Frequency (GHz)
25 C
-40 C
85 C
Matched for
1.9 GHz Operation
Active Bias, Vs =
5V
|S22| Vs Frequency
-22
-20
-18
-16
-14
1.75
1.8
1.85
1.9
1.95
2
2.05
Frequency (GHz)
25 C
-40 C
85 C
Matched for 1.9 GHz Operation
Active Bias, Vs = 5V
Noise Figure Vs Frequency
3.5
4
4.5
5
5.5
6
6.5
1.75
1.8
1.85
1.9
1.95
2
2.05
Frequency (GHz)
25 C
-40 C
85 C
Matched for 1.9 GHz Operation
Active Bias, Vs = 5V
Page 5 of 20
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical S-Parameter and Noise Performance: 1960 MHz, 5V (Matched for 1.9 GHz Operation)
DC-2.5 GHz InGaP HBT
Matched Gain Block Amplifier
CGB7289-SC
September 2006 - Rev 01-Sep-06


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn