Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7289-SC_0609 Datasheet(PDF) 15 Page - Mimix Broadband

Part # CGB7289-SC_0609
Description  DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7289-SC_0609 Datasheet(HTML) 15 Page - Mimix Broadband

Back Button CGB7289-SC_0609 Datasheet HTML 11Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 12Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 13Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 14Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 15Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 16Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 17Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 18Page - Mimix Broadband CGB7289-SC_0609 Datasheet HTML 19Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Page 15 of 20
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical Scattering Parameters
(Vd = +4.76V, Icc = 118 mA, T = 23°C, device in a 50 ohm system)
DC-2.5 GHz InGaP HBT
Matched Gain Block Amplifier
CGB7289-SC
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.560
-172.9
25.36
152.4
0.016
11.6
0.202
-113.5
200
0.643
-175.1
21.09
131.1
0.018
12.6
0.323
-135.0
300
0.698
179.5
17.30
115.2
0.019
11.5
0.389
-149.6
400
0.726
173.6
14.41
103.0
0.021
10.0
0.423
-160.4
500
0.737
168.0
12.29
93.0
0.022
9.3
0.439
-168.5
600
0.743
162.6
10.73
84.4
0.024
7.9
0.446
-175.4
700
0.740
157.3
9.56
76.6
0.025
6.1
0.446
178.8
800
0.732
152.2
8.66
69.2
0.027
4.4
0.442
173.7
900
0.721
147.0
7.98
62.1
0.029
2.3
0.434
169.1
1000
0.705
141.8
7.44
55.1
0.031
-0.1
0.423
164.9
1100
0.684
136.5
7.02
48.0
0.033
-2.9
0.409
161.0
1200
0.657
131.0
6.70
40.7
0.036
-6.2
0.391
157.7
1300
0.622
125.4
6.45
33.0
0.039
-10.5
0.369
155.0
1400
0.578
119.6
6.26
24.9
0.043
-15.3
0.345
153.3
1500
0.521
113.9
6.11
16.0
0.047
-21.2
0.318
153.1
1600
0.450
108.6
5.98
6.3
0.051
-28.1
0.292
155.3
1700
0.362
104.9
5.84
-4.5
0.056
-36.2
0.277
160.7
1800
0.262
106.9
5.65
-16.6
0.060
-45.9
0.281
168.5
1900
0.182
126.9
5.37
-29.7
0.063
-57.0
0.314
175.2
2000
0.205
162.7
4.97
-43.8
0.065
-69.2
0.372
177.3
2100
0.322
175.0
4.44
-58.1
0.065
-82.0
0.441
174.7
2200
0.454
172.5
3.83
-72.1
0.063
-94.4
0.503
169.0
2300
0.571
165.3
3.21
-85.1
0.059
-106.3
0.552
161.9
2400
0.664
157.0
2.63
-96.9
0.054
-117.3
0.585
154.5
2500
0.733
148.7
2.12
-107.4
0.049
-127.1
0.605
147.1
2600
0.783
140.9
1.69
-116.6
0.044
-136.3
0.615
140.1
2700
0.819
133.7
1.33
-124.7
0.040
-144.6
0.619
133.6
2800
0.844
126.9
1.04
-131.8
0.036
-152.1
0.618
127.4
2900
0.863
120.6
0.80
-137.9
0.033
-159.6
0.615
121.6
3000
0.879
114.7
0.61
-143.2
0.030
-167.4
0.610
116.0
3100
0.890
109.0
0.45
-147.3
0.027
-174.5
0.604
110.5
3200
0.899
103.5
0.32
-149.9
0.025
178.5
0.598
105.1
3300
0.907
98.1
0.22
-149.4
0.023
171.1
0.591
99.8
3400
0.912
92.9
0.13
-141.9
0.021
163.9
0.584
94.5
3500
0.916
87.7
0.08
-116.1
0.020
156.3
0.578
89.2
3600
0.920
82.7
0.08
-72.4
0.019
147.9
0.571
84.0
3700
0.923
77.7
0.11
-50.8
0.018
139.7
0.564
78.6
3800
0.925
72.8
0.15
-44.8
0.018
132.0
0.559
73.3
3900
0.926
67.8
0.19
-44.3
0.017
124.0
0.553
67.8
4000
0.927
62.8
0.22
-46.2
0.017
115.6
0.548
62.4
4100
0.928
57.9
0.24
-49.3
0.017
107.0
0.544
56.9
4200
0.928
53.0
0.27
-53.0
0.017
99.4
0.541
51.4
4300
0.929
48.1
0.28
-57.0
0.017
91.1
0.539
45.9
4400
0.929
43.1
0.30
-61.3
0.018
84.0
0.537
40.3
4500
0.929
38.2
0.31
-65.8
0.018
76.6
0.536
34.8
4600
0.929
33.3
0.32
-70.4
0.019
69.8
0.536
29.3
4700
0.928
28.5
0.33
-75.1
0.019
62.8
0.537
23.8
4800
0.929
23.6
0.33
-79.8
0.020
56.7
0.539
18.4
4900
0.928
18.7
0.34
-84.6
0.020
50.3
0.541
13.0
5000
0.928
13.9
0.34
-89.4
0.021
44.4
0.544
7.6
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
September 2006 - Rev 01-Sep-06


Similar Part No. - CGB7289-SC_0609

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-SC-0G00 MIMIX-CGB7289-SC-0G00 Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC-0G0T MIMIX-CGB7289-SC-0G0T Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - CGB7289-SC_0609

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC MIMIX-CGB7289-SC Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7389-SC MIMIX-CGB7389-SC_08 Datasheet
267Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7389-SC_0607 MIMIX-CGB7389-SC_0607 Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7389-SC MIMIX-CGB7389-SC Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB8001-SC MIMIX-CGB8001-SC Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com