Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7017-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part No. CGB7017-BD
Description  DC-8.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7017-BD Datasheet(HTML) 6 Page - Mimix Broadband

  CGB7017-BD Datasheet HTML 1Page - Mimix Broadband CGB7017-BD Datasheet HTML 2Page - Mimix Broadband CGB7017-BD Datasheet HTML 3Page - Mimix Broadband CGB7017-BD Datasheet HTML 4Page - Mimix Broadband CGB7017-BD Datasheet HTML 5Page - Mimix Broadband CGB7017-BD Datasheet HTML 6Page - Mimix Broadband CGB7017-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6 of 7
Note: This schematic represents the topology of the application circuit recommended by Mimix.
Recommended Bias Resistor Values for ID = 78 mA
Supply Voltage (Vs)
5V
7V
8V
10V
Rbias (1206 1/4W)
10
38
52
——
Rbias (1210 1/2W)
Note: Rbias provides DC bias stability over temperature.
81
2
RF IN
Vs
RF
OUT
C1
C2
L1
R Bias = (Vs - Vd) / Id
4
3
1
Vd
R1
C3
C4
Application Circuit
CGB7017-SC Gain Vs Temp and Frequency
17
18
19
20
21
22
23
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
-40C
25C
85C
Typical Gain Performance
Ref Designator
Value
C1, C2, C3
C4
L1
L1
L3
R1
R2 (1/4W)
1000 pF
1.0 F
56 nH
470 nH
6.8 nH
R Bias = (Vs - Vd) / Id
75
Note: Contact factory for matching
recommendations if flat gain is required
from 2 to 6 GHz.
DC-8.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7017-BD
April 2007 - Rev 05-Apr-07
Bonding Configuration
Physical Dimensions


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn