Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7017-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part No. CGB7017-BD
Description  DC-8.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7017-BD Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7017-BD Datasheet HTML 1Page - Mimix Broadband CGB7017-BD Datasheet HTML 2Page - Mimix Broadband CGB7017-BD Datasheet HTML 3Page - Mimix Broadband CGB7017-BD Datasheet HTML 4Page - Mimix Broadband CGB7017-BD Datasheet HTML 5Page - Mimix Broadband CGB7017-BD Datasheet HTML 6Page - Mimix Broadband CGB7017-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Typical Scattering Parameters
(Vd = +4.5V, Icc = 74 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.039
-164
15.58
175
0.054
-1
0.017
-130
200
0.043
-152
15.51
170
0.055
-2
0.026
-124
300
0.051
-144
15.45
164
0.055
-4
0.036
-120
400
0.058
-140
15.37
159
0.055
-5
0.046
-119
500
0.066
-136
15.27
154
0.055
-6
0.055
-119
600
0.075
-134
15.17
149
0.055
-7
0.065
-120
700
0.084
-134
15.06
144
0.055
-8
0.074
-122
800
0.094
-134
14.93
139
0.056
-10
0.083
-123
900
0.103
-134
14.81
134
0.056
-11
0.092
-124
1000
0.113
-134
14.68
130
0.057
-12
0.101
-126
1100
0.122
-135
14.54
125
0.057
-14
0.109
-128
1200
0.131-136
14.40
120
0.057
-15
0.116
-130
1300
0.140
-137
14.25
115
0.058
-16
0.123
-132
1400
0.148
-139
14.08
110
0.059
-18
0.130-134
1500
0.156
-140
13.93
106
0.059
-19
0.137-136
1600
0.164
-142
13.77
101
0.060
-21
0.143
-138
1700
0.172
-144
13.61
96
0.060
-22
0.149
-140
1800
0.181
-145
13.44
92
0.061
-24
0.155
-142
1900
0.190
-147
13.28
87
0.062
-25
0.160
-144
2000
0.197
-149
13.12
83
0.062
-27
0.166
-146
2100
0.204
-151
12.96
78
0.063
-29
0.171
-147
2200
0.211
-153
12.80
74
0.064
-30
0.177
-149
2300
0.218
-155
12.64
69
0.065
-32
0.180
-151
2400
0.225
-157
12.49
65
0.065
-34
0.185
-153
2500
0.231
-159
12.33
60
0.066
-36
0.190
-154
2600
0.237
-162
12.19
56
0.067
-37
0.194
-156
2700
0.243
-164
12.04
52
0.068
-39
0.199
-158
2800
0.248
-167
11.89
47
0.069
-41
0.203
-160
2900
0.254
-169
11.75
43
0.070
-43
0.206
-162
3000
0.260
-171
11.61
39
0.070
-45
0.211
-163
3100
0.265
-173
11.49
35
0.072
-47
0.216
-165
3200
0.269
-176
11.38
31
0.073
-49
0.222
-167
3300
0.274
-179
11.27
26
0.074
-51
0.227
-169
3400
0.279
178
11.17
22
0.075
-53
0.231
-171
3500
0.285
175
11.07
18
0.076
-55
0.236
-173
3600
0.289
173
10.97
14
0.077
-57
0.242
-175
3700
0.293
169
10.89
10
0.078
-59
0.248
-178
3800
0.296
166
10.81
6
0.079
-61
0.254
179
3900
0.299
162
10.73
1
0.080
-64
0.259
176
4000
0.303
159
10.66
-3
0.082
-66
0.264
174
4100
0.306
155
10.58
-7
0.083
-68
0.268
171
4200
0.307
151
10.52
-11
0.084
-70
0.274
168
4300
0.308
147
10.46
-15
0.086
-73
0.279
164
4400
0.309
142
10.42
-20
0.087
-75
0.283
160
4500
0.310
138
10.36
-24
0.089
-78
0.287
157
4600
0.312
133
10.32
-28
0.090
-80
0.292
153
4700
0.313
128
10.28
-33
0.091
-83
0.297
149
4800
0.312
122
10.24
-37
0.093
-86
0.302
145
4900
0.313
117
10.22
-41
0.095
-89
0.307
140
5000
0.314
110
10.19
-46
0.096
-91
0.311
135
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-8.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7017-BD
April 2007 - Rev 05-Apr-07


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn