Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7017-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part No. CGB7017-BD
Description  DC-8.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7017-BD Datasheet(HTML) 3 Page - Mimix Broadband

  CGB7017-BD Datasheet HTML 1Page - Mimix Broadband CGB7017-BD Datasheet HTML 2Page - Mimix Broadband CGB7017-BD Datasheet HTML 3Page - Mimix Broadband CGB7017-BD Datasheet HTML 4Page - Mimix Broadband CGB7017-BD Datasheet HTML 5Page - Mimix Broadband CGB7017-BD Datasheet HTML 6Page - Mimix Broadband CGB7017-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P1dB Vs Frequency
6
8
10
12
14
16
18
20
012345678
Frequency (GHz)
25 C
-40 C
85 C
OIP3 Vs Frequency
14
18
22
26
30
34
38
01
23
456
7
8
Frequency (GHz)
25 C
-40 C
85 C
1 MHz separation,
6 dBm/tone
ACP @ 850 MHz Vs Pout
9 Channels Forward, 750 kHz Offset, 30 kHz BW
-60
-55
-50
-45
-40
-35
-30
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
Linearity Performance - Base Station ACP – IS-95
Alt1 Ch. Pwr @ 850 MHz Vs Pout
9 Channels Forward, 1.98 MHz Offset, 30 kHz BW
-85
-75
-65
-55
-45
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
ACP @ 1950 MHz Vs. Pout
9 Forward Channels, 885 kHz Offset
30 kHz BW
-65
-55
-45
-35
-25
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
Alt1 Ch. Pwr @ 1950 MHz Vs Pout
9 Channels Forward, 1.25 MHz Offset
12.5 kHz BW
-75
-65
-55
-45
-35
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
ACP @ 2140 MHz Vs Pout
WCDMA, 3GPP TM1, 1 Channel, 64 DPCH
-55
-50
-45
-40
-35
-30
-25
-20
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
Alt. Ch. Pwr @ 2140 MHz Vs Pout
WCDMA, 3GPP TM1, 1 Channel, 64 DPCH
-65
-60
-55
-50
-45
-40
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
Page 3 of 7
Typical Power and Linearity Performance
DC-8.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7017-BD
April 2007 - Rev 05-Apr-07


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn