Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83220E Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL83220E
Description  짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83220E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL83220E Datasheet HTML 2Page - Intersil Corporation ISL83220E Datasheet HTML 3Page - Intersil Corporation ISL83220E Datasheet HTML 4Page - Intersil Corporation ISL83220E Datasheet HTML 5Page - Intersil Corporation ISL83220E Datasheet HTML 6Page - Intersil Corporation ISL83220E Datasheet HTML 7Page - Intersil Corporation ISL83220E Datasheet HTML 8Page - Intersil Corporation ISL83220E Datasheet HTML 9Page - Intersil Corporation ISL83220E Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
The ISL83220E receiver disables only when EN is driven
high. (see Table 2). This allows the receiver to monitor
external devices, like a modem, even when the ISL83220E
is in its 1μA powerdown state.
Standard receivers driving powered down peripherals must
be disabled to prevent current flow through the peripheral’s
protection diodes (see Figure 2). This renders them useless
for wake up functions.
Operation Down to 2.7V
ISL83220E transmitter outputs meet RS-562 levels (±3.7V),
at the full data rate, with VCC as low as 2.7V. RS-562 levels
typically ensure interoperability with RS-232 devices.
Powerdown Functionality
This 3V family of RS-232 interface devices requires a
nominal supply current of 0.3mA during normal operation
(not in powerdown mode), which is considerably less than
the 5mA to 11mA current required of 5V RS-232 devices.
The already low current requirement drops significantly
when the device enters powerdown mode. In powerdown,
supply current drops to 1
μA, because the on-chip charge
pump turns off (V+ collapses to VCC, V- collapses to GND),
and the transmitter outputs three-state. This micro-power
mode makes these devices ideal for battery powered and
portable applications.
Software Controlled (Manual) Powerdown
On the ISL83220E, the powerdown control is via a simple
shutdown (SHDN) pin. Driving this pin high enables normal
operation, while driving it low forces the IC into it’s
powerdown state. Connect SHDN to VCC if the powerdown
function isn’t needed. Note that the receiver output remains
enabled during shutdown (see Table 2). For the lowest
power consumption during powerdown, the receiver should
also be disabled by driving the EN input high (see next
section). The time to recover from manual powerdown mode
is typically 100
μs.
Receiver ENABLE Control
The ISL83220E also features an EN input to control the
receiver output. Driving EN high disables the receiver output
placing it in a high impedance state. This is useful to
eliminate supply current, due to a receiver output forward
biasing the protection diode, when driving the input of a
powered down (VCC = GND) peripheral (see Figure 2).
Capacitor Selection
The charge pumps require 0.1
μF capacitors for 3.3V
operation. Do not use values smaller than 0.1μF. Increasing
the capacitor values (by a factor of 2) reduces ripple on the
transmitter outputs and slightly reduces power consumption.
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V
-.
Power Supply Decoupling
In most circumstances a 0.1
μF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
R1OUT
GND
≤ VROUT ≤ VCC
5k
Ω
R1IN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
TABLE 2. POWERDOWN AND ENABLE LOGIC TRUTH TABLE
SHDN
INPUT
EN
INPUT
TRANSMITTER
OUTPUT
RECEIVER
OUTPUT
MODE OF
OPERATION
L
L
High-Z
Active
Manual Powerdown
L
H
High-Z
High-Z
Manual Powerdown
w/Rcvr. Disabled
H
L
Active
Active
Normal Operation
H
H
Active
High-Z
Normal Operation
w/Rcvr. Disabled
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
ISL83220E


Similar Part No. - ISL83220E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220ECA INTERSIL-ISL83220ECA Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220ECB INTERSIL-ISL83220ECB Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL83220E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com