Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5090N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE5090N
Description  Addressable relay driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5090N Datasheet(HTML) 4 Page - NXP Semiconductors

  NE5090N Datasheet HTML 1Page - NXP Semiconductors NE5090N Datasheet HTML 2Page - NXP Semiconductors NE5090N Datasheet HTML 3Page - NXP Semiconductors NE5090N Datasheet HTML 4Page - NXP Semiconductors NE5090N Datasheet HTML 5Page - NXP Semiconductors NE5090N Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA5090
Addressable relay driver
August 31, 1994
515
SWITCHING CHARACTERISTICS
VCC=5V, TA=25°C, VOUT=5V, IOUT=100MA, VIL=0.8V, VIH=2.0V.
SYMBOL
PARAMETER
TO
FROM
MIN
TYP
MAX
UNIT
Propagation delay time
tPLH
Low-to-high1
Output
CE
900
1800
ns
tPHL
High-to-low1
130
260
tPLH
Low-to-high2
920
1850
Output
Data
ns
tPHL
High-to-low2
130
260
tPLH
Low-to-high3
900
1800
Output
Address
ns
tPHL
High-to-low3
130
260
tPLH
Low-to-high4
920
1850
Output
CLR
ns
tPHL
High-to-low4
Switching setup requirements
tS(H)
Setup time high
Setup time low
Chip enable
Chip enable
High data
Low data
40
50
ns
tS(A)
Address setup time
Chip enable
Address
40
ns
tH(H)
Hold time high
Hold time low
Chip enable
Chip enable
High data
Low data
10
10
ns
tPW(E)
Chip enable pulse width1
40
ns
NOTES:
1. See Turn-On and Turn-Off Delays, Enable-to-Output and Enable Pulse Width timing diagram.
2. See Turn-On and Turn-Off Delays, Data-to-Output timing diagram.
3. See Turn-On and Turn-Off Delays, Address-to-Output timing diagram.
4. See Turn-Off Delay, Clear-to-Output timing diagram.
5. See Setup and Hold Time, Data-to-Enable timing diagram.
6. See Setup Time, Address-to-Enable timing diagram.
FUNCTIONAL DESCRIPTION
This peripheral driver has latched outputs which hold the input date
until cleared. The NE5090 has active-Low, open-collector outputs,
all of which are cleared when power is first applied. This device is
identical to the NE590, except the outputs can withstand 28V.
Addressable Latch Function
Any given output can be turned on or off by presenting the address
of the output to be set or cleared to the three address pins, by
holding the “D” input High to turn on the selected output, or by
holding it Low to turn off, holding the CLR input High, and bringing
the CE input Low. Once an output is turned on or off, it will remain
so until addressed again, or until all outputs are cleared by bringing
the CLR input Low while holding the CE input High.
Demultiplexer Operation
By holding the CLR and CE inputs Low and the ”D“ input High, the
addressed output will remain on and all other outputs will be off.
High Current Outputs
The obvious advantage of this device over other drivers such as the
9334 and N74LS259 is the fact that the outputs of the NE5090 are
each capable of 200mA and 28V. It must be noted, however, that the
total power dissipation would be over 2.5W if all 8 outputs were on
together and carrying 200mA each. Since the total power dissipation
is limited by the package to 1W, and since power dissipation due to
supply current is 0.25W, the total load power dissipation by the
device is limited to 0.75W at room temperature, and decreases as
ambient temperature rises.
The maximum die junction temperature must be limited to 165
°C,
and the temperature rise above ambient and the junction
temperature are defined as:
TRJA×PD
TJ =TA+tR
where
For example, if we are using the NE5090 in a plastic package in an
application where the ambient temperature is never expected to rise
above 50
°C, and the output current at the 8 outputs, when on, are
100, 40, 50, 200, 15, 30, 80, and 10mA, we find from the graph of
output voltage vs load current that the output voltages are expected
to be about 0.92, 0.75, 0.78, 1.04, 0.5, 0.7, 0.9, and 0.4V,
respectively. Total device power due to these loads is found to be
473.5mW. Adding the 200mW due to the power supply brings total
device power dissipation to 723.5mW. The thermal resistances are
83
°C,per W for plastic packages and 100°C per W for Cerdips.
Using the equations above we find:
Plastic TR=83×0.7235=60°C
Plastic TJ =50+60=100°C
Cerdip TR=100×0.7235=72.4°C
Cerdip TJ =50+72.4=122.4°C
Thus we find that TJ for either package is below the 165°C
maximum and either package could be used in this application. The
graphs of total load power vs ambient temperature would also give
us this same information, although interpreting the graphs would not
yield the same accuracy.


Similar Part No. - NE5090N

ManufacturerPart #DatasheetDescription
logo
NEC
NE500100 NEC-NE500100 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE500199 NEC-NE500199 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
NXP Semiconductors
NE5008 PHILIPS-NE5008 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
NE5019 PHILIPS-NE5019 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results

Similar Description - NE5090N

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
RCM-SS GAMEWELL-FCI-RCM-SS Datasheet
297Kb / 2P
   Six-Relay Addressable Control Module
SCE-SS GAMEWELL-FCI-SCE-SS Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
AOM-2RF GAMEWELL-FCI-AOM-2RF Datasheet
233Kb / 1P
   Addressable output relay control module
logo
Allegro MicroSystems
5817 ALLEGRO-5817 Datasheet
81Kb / 6P
   ADDRESSABLE 28-LINE DECODER/DRIVER
5817 ALLEGRO-5817 Datasheet
66Kb / 6P
   ADDRESSABLE 28-LINE DECODER/DRIVER
6817 ALLEGRO-6817 Datasheet
70Kb / 8P
   ADDRESSABLE 28-LINE DECODER/DRIVER
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com