Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7010-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part No. CGB7010-BD
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7010-BD Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7010-BD Datasheet HTML 1Page - Mimix Broadband CGB7010-BD Datasheet HTML 2Page - Mimix Broadband CGB7010-BD Datasheet HTML 3Page - Mimix Broadband CGB7010-BD Datasheet HTML 4Page - Mimix Broadband CGB7010-BD Datasheet HTML 5Page - Mimix Broadband CGB7010-BD Datasheet HTML 6Page - Mimix Broadband CGB7010-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Typical Scattering Parameters
(Vd = +5.18V, Icc = 75 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.049
-171.3013.44
173.10
0.060
-0.30
0.015
-79.86
200
0.053
-160.00
13.32
166.40
0.061
-0.89
0.028
-91.31
300
0.060
-153.50
13.20
159.80
0.061
-1.54
0.042
-100.20
400
0.067
-149.50
13.05
153.20
0.062
-2.03
0.054
-106.50
500
0.075
-145.80
12.86
146.80
0.062
-2.59
0.066
-111.50
600
0.084
-144.50
12.66
140.50
0.063
-3.32
0.077
-117.50
700
0.093
-144.50
12.45
134.20
0.064
-4.03
0.088
-123.00
800
0.101
-144.70
12.21
128.10
0.065
-4.72
0.098
-127.50
900
0.109
-145.50
11.97
122.00
0.066
-5.65
0.107
-132.50
1000
0.117
-146.80
11.74
116.00
0.067
-6.60
0.116
-137.40
1100
0.125
-148.30
11.48
110.20
0.068
-7.57
0.124
-141.90
1200
0.131
-149.80
11.22
104.40
0.069
-8.64
0.130
-146.30
1300
0.137
-151.50
10.96
98.71
0.070
-9.78
0.136
-150.60
1400
0.143
-153.20
10.70
93.14
0.072
-11.06
0.141
-154.60
1500
0.149
-155.10
10.44
87.66
0.073
-12.38
0.145
-158.60
1600
0.154
-156.90
10.19
82.29
0.075
-13.77
0.149
-162.50
1700
0.158
-158.70
9.94
76.99
0.076
-15.20
0.152
-166.30
1800
0.163
-160.70
9.70
71.77
0.078
-16.65
0.155
-170.00
1900
0.167
-162.60
9.46
66.64
0.079
-18.34
0.158
-173.50
2000
0.171
-164.70
9.23
61.59
0.081
-20.04
0.159
-177.10
2100
0.175
-166.60
9.01
56.58
0.083
-21.65
0.161
179.40
2200
0.178
-168.60
8.79
51.66
0.084
-23.48
0.162
176.10
2300
0.180
-170.70
8.59
46.79
0.086
-25.29
0.162
172.80
2400
0.183
-172.70
8.39
41.99
0.088
-27.21
0.163
169.70
2500
0.186
-174.80
8.20
37.26
0.090
-29.03
0.163
166.40
2600
0.187
-176.80
8.01
32.61
0.091
-31.09
0.163
163.40
2700
0.189
-178.90
7.84
28.00
0.093
-33.00
0.163
160.60
2800
0.192
178.90
7.68
23.40
0.095
-35.15
0.164
157.50
2900
0.195
176.40
7.53
18.80
0.097
-37.26
0.165
154.30
3000
0.196
174.00
7.37
14.28
0.100
-39.42
0.165
151.20
3100
0.198
171.50
7.24
9.79
0.101
-41.65
0.166
148.00
3200
0.200
168.80
7.11
5.26
0.104
-43.92
0.168
144.70
3300
0.202
165.80
6.98
0.73
0.106
-46.30
0.170
141.20
3400
0.204
162.70
6.86
-3.78
0.108
-48.66
0.171
137.30
3500
0.205
159.40
6.74
-8.26
0.110
-51.11
0.173
133.70
3600
0.207
156.00
6.62
-12.75
0.112
-53.68
0.175
129.90
3700
0.207
152.20
6.52
-17.21
0.115
-56.17
0.177
125.70
3800
0.208
148.30
6.41
-21.70
0.117
-58.85
0.181
121.30
3900
0.201
141.70
6.39
-25.74
0.119
-61.49
0.184
116.90
4000
0.209
139.40
6.22
-30.67
0.121
-64.17
0.187
112.30
4100
0.209
134.60
6.13
-35.16
0.123
-66.87
0.191
107.50
4200
0.201
127.60
6.11
-39.17
0.126
-69.81
0.194
102.50
4300
0.208
124.00
5.95
-44.18
0.128
-72.53
0.201
97.20
4400
0.202
116.20
5.94
-48.18
0.130
-75.60
0.207
91.94
4500
0.202
110.10
5.86
-52.75
0.133
-78.55
0.213
86.38
4600
0.208
105.80
5.71
-57.86
0.135
-81.50
0.220
80.76
4700
0.203
97.23
5.70
-61.89
0.137
-84.53
0.228
75.23
4800
0.210
91.85
5.55
-67.13
0.140
-87.69
0.238
69.32
4900
0.208
82.25
5.55
-71.19
0.141
-91.02
0.248
63.58
5000
0.213
74.40
5.48
-75.94
0.144
-94.22
0.260
57.34
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7010-BD
April 2007 - Rev 03-Apr-07


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn