Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7009-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7009-BD
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7009-BD Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7009-BD Datasheet HTML 1Page - Mimix Broadband CGB7009-BD Datasheet HTML 2Page - Mimix Broadband CGB7009-BD Datasheet HTML 3Page - Mimix Broadband CGB7009-BD Datasheet HTML 4Page - Mimix Broadband CGB7009-BD Datasheet HTML 5Page - Mimix Broadband CGB7009-BD Datasheet HTML 6Page - Mimix Broadband CGB7009-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Typical Scattering Parameters
(Vd = +5.4V, Icc = 73.5 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.105
-8.2
7.32
174.3
0.095
-0.9
0.197
-5.9
200
0.106
-16.9
7.28
168.7
0.095
-1.7
0.198
-11.5
300
0.109
-24.9
7.24
163.1
0.095
-2.5
0.197
-17.3
400
0.112
-32.7
7.20
157.7
0.095
-3.4
0.198
-22.7
500
0.117
-40.0
7.14
152.2
0.096
-4.3
0.198
-28.3
600
0.122
-47.0
7.09
146.8
0.097
-5.2
0.199
-33.8
700
0.127
-53.7
7.02
141.5
0.097
-6.1
0.199
-39.2
800
0.132
-59.9
6.96
136.2
0.098
-7.0
0.199
-44.5
900
0.138
-65.7
6.88
131.0
0.099
-8.0
0.200
-49.6
1000
0.144
-71.4
6.81
125.7
0.100
-9.1
0.201
-55.0
1100
0.151
-76.7
6.73
120.6
0.101
-10.2
0.201
-60.1
1200
0.157
-81.6
6.65
115.5
0.103
-11.4
0.202
-64.9
1300
0.164
-86.3
6.56
110.4
0.104
-12.6
0.203
-69.8
1400
0.170
-90.8
6.47
105.4
0.105
-13.8
0.204
-74.6
1500
0.177
-95.0
6.39
100.4
0.107
-15.1
0.204
-79.3
1600
0.184
-99.3
6.30
95.5
0.108
-16.4
0.204
-83.7
1700
0.190
-103.2
6.21
90.6
0.110
-17.7
0.206
-88.3
1800
0.197
-107.2
6.12
85.8
0.112
-19.2
0.207
-92.6
1900
0.203
-110.8
6.03
81.1
0.114
-20.6
0.208
-96.8
2000
0.210
-114.5
5.94
76.4
0.115
-22.1
0.208
-101.1
2100
0.216
-118.2
5.86
71.7
0.118
-23.6
0.209
-105.2
2200
0.222
-121.6
5.78
67.1
0.119
-25.3
0.211
-109.3
2300
0.228
-125.1
5.70
62.6
0.121
-26.9
0.211
-113.3
2400
0.233
-128.6
5.62
58.0
0.123
-28.6
0.212
-117.3
2500
0.238-131.9
5.54
53.5
0.125
-30.3
0.212
-121.3
2600
0.242
-135.3
5.46
49.1
0.128
-32.1
0.213
-124.9
2700
0.247
-138.5
5.38
44.7
0.130-33.9
0.213
-128.8
2800
0.251
-141.9
5.31
40.3
0.132-35.7
0.214
-132.7
2900
0.255
-145.3
5.25
36.0
0.134-37.6
0.215
-136.7
3000
0.260
-148.6
5.18
31.6
0.137-39.4
0.215
-140.5
3100
0.263
-152.0
5.12
27.4
0.139
-41.4
0.216
-144.5
3200
0.267
-155.3
5.06
23.1
0.142
-43.4
0.217
-148.5
3300
0.271
-158.9
5.01
18.8
0.145
-45.4
0.218
-152.5
3400
0.274
-162.5
4.95
14.5
0.147
-47.4
0.218
-156.7
3500
0.278
-166.1
4.90
10.3
0.150
-49.6
0.219
-160.8
3600
0.281
-169.7
4.85
6.1
0.153
-51.8
0.220
-165.0
3700
0.283
-173.3
4.80
1.9
0.155
-53.9
0.221
-169.4
3800
0.285
-177.1
4.75
-2.3
0.158
-56.1
0.221
-174.2
3900
0.287
178.7
4.71
-6.5
0.161
-58.4
0.221
-178.7
4000
0.289
174.7
4.67
-10.7
0.164
-60.7
0.222
176.5
4100
0.290
170.6
4.63
-14.9
0.167
-63.1
0.222
171.4
4200
0.290
166.3
4.60
-19.1
0.170
-65.5
0.223
166.2
4300
0.289
161.8
4.56
-23.4
0.174
-67.9
0.223
160.8
4400
0.289
157.0
4.54
-27.6
0.177
-70.5
0.224
154.8
4500
0.288
152.0
4.50
-31.9
0.180
-73.1
0.225
148.9
4600
0.287
147.3
4.48
-36.2
0.184
-75.6
0.227
142.9
4700
0.285
142.2
4.45
-40.4
0.187
-78.3
0.229
136.7
4800
0.284
136.8
4.42
-44.8
0.190
-81.0
0.233
130.1
4900
0.283
130.9
4.40
-49.1
0.194
-83.8
0.237123.3
5000
0.281
124.7
4.38-53.6
0.198
-86.7
0.242
116.2
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7009-BD
April 2007 - Rev 03-Apr-07


Similar Part No. - CGB7009-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7009-BD MIMIX-CGB7009-BD Datasheet
534Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7009-BD MIMIX-CGB7009-BD Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7009-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7015-BD MIMIX-CGB7015-BD Datasheet
197Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7005-BD MIMIX-CGB7005-BD Datasheet
403Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7006-BD MIMIX-CGB7006-BD Datasheet
427Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7008-BD MIMIX-CGB7008-BD Datasheet
481Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7010-BD MIMIX-CGB7010-BD Datasheet
481Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7011-BD MIMIX-CGB7011-BD Datasheet
484Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7004-BD MIMIX-CGB7004-BD Datasheet
431Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com