Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7008-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part No. CGB7008-BD
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7008-BD Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7008-BD Datasheet HTML 1Page - Mimix Broadband CGB7008-BD Datasheet HTML 2Page - Mimix Broadband CGB7008-BD Datasheet HTML 3Page - Mimix Broadband CGB7008-BD Datasheet HTML 4Page - Mimix Broadband CGB7008-BD Datasheet HTML 5Page - Mimix Broadband CGB7008-BD Datasheet HTML 6Page - Mimix Broadband CGB7008-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Typical Scattering Parameters
(Vd = +5.15V, Icc = 64 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.025
-167.10
13.18
173.30
0.061
0.15
0.036
-22.61
200
0.028
-155.40
13.06
166.70
0.062
0.16
0.041
-42.62
300
0.033
-148.40
12.95
160.30
0.062
0.21
0.048
-60.35
400
0.038
-144.70
12.79
153.90
0.062
0.29
0.054
-73.53
500
0.043
-139.50
12.58
147.70
0.063
0.30
0.062
-83.95
600
0.049
-138.80
12.38
141.60
0.064
0.17
0.070
-94.01
700
0.056
-139.60
12.16
135.50
0.065
-0.03
0.078
-103.70
800
0.061
-140.00
11.91
129.60
0.066
-0.19
0.085
-110.90
900
0.068
-140.80
11.66
123.70
0.067
-0.62
0.093
-118.50
1000
0.075
-143.10
11.41
118.00
0.068
-1.14
0.100
-125.90
1100
0.081
-144.90
11.15
112.30
0.070
-1.65
0.107
-132.50
1200
0.087
-146.90
10.88
106.80
0.071
-2.28
0.112
-138.70
1300
0.093
-149.30
10.60
101.40
0.073
-3.05
0.118
-144.60
1400
0.098
-151.70
10.33
96.07
0.074
-3.83
0.123
-150.20
1500
0.104
-154.30
10.07
90.87
0.076
-4.88
0.128
-155.70
1600
0.110
-156.60
9.80
85.74
0.078
-5.72
0.132
-160.90
1700
0.115
-159.40
9.55
80.71
0.080
-6.78
0.137
-165.70
1800
0.122
-161.90
9.29
75.75
0.081
-8.05
0.141
-170.70
1900
0.127
-164.80
9.05
70.92
0.083
-9.21
0.145
-175.40
2000
0.132
-167.60
8.82
66.15
0.085
-10.54
0.148
179.70
2100
0.137
-170.50
8.59
61.39
0.087
-11.94
0.151
175.10
2200
0.141
-173.40
8.36
56.74
0.089
-13.42
0.153
170.50
2300
0.146
-176.50
8.14
52.18
0.091
-14.90
0.155
166.00
2400
0.150
-179.50
7.93
47.67
0.093
-16.43
0.157
161.80
2500
0.154
177.40
7.73
43.19
0.095
-18.15
0.160
157.30
2600
0.156
174.10
7.5338.84
0.097
-19.77
0.160
152.80
2700
0.159
171.80
7.34
34.63
0.099
-21.41
0.160
149.10
2800
0.163
169.10
7.17
30.47
0.101
-22.95
0.162
145.60
2900
0.168
166.00
7.01
26.24
0.103
-24.77
0.166
141.90
3000
0.171
163.10
6.85
22.07
0.105
-26.54
0.167
138.20
3100
0.171
155.30
6.80
18.35
0.108
-28.33
0.169
135.00
3200
0.179
157.40
6.56
13.89
0.110
-30.29
0.172
131.30
3300
0.180
149.40
6.53
10.18
0.112
-32.31
0.176
128.00
3400
0.190
150.80
6.31
5.62
0.115
-34.36
0.180
124.30
3500
0.188
143.10
6.27
1.94
0.117
-36.48
0.182
120.50
3600
0.193
140.10
6.15
-2.09
0.119
-38.54
0.185
117.00
3700
0.198
137.10
6.03
-6.07
0.122
-40.71
0.188
113.70
3800
0.202
133.60
5.91
-10.12
0.124
-42.97
0.192
110.00
3900
0.207
130.00
5.80
-14.13
0.126
-45.23
0.196
106.40
4000
0.211
126.40
5.70
-18.13
0.128
-47.49
0.200
102.80
4100
0.216
123.10
5.59
-22.09
0.131
-49.85
0.204
99.38
4200
0.219
119.10
5.49
-26.09
0.133
-52.17
0.207
95.54
4300
0.223
114.90
5.40
-30.04
0.135
-54.54
0.212
92.05
4400
0.228
111.00
5.30-34.00
0.137
-57.03
0.219
88.55
4500
0.231
106.80
5.21
-37.98
0.139
-59.49
0.224
84.77
4600
0.234
102.80
5.12
-41.89
0.141
-61.84
0.229
81.02
4700
0.238
98.85
5.04
-45.82
0.143
-64.27
0.235
77.75
4800
0.241
94.53
4.95
-49.76
0.145
-66.90
0.241
74.35
4900
0.245
89.93
4.88
-53.70
0.148
-69.39
0.249
70.79
5000
0.250
85.36
4.79
-57.68
0.150
-71.98
0.258
66.98
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7008-BD
April 2007 - Rev 03-Apr-07


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn