Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7008-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part No. CGB7008-BD
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7008-BD Datasheet(HTML) 1 Page - Mimix Broadband

  CGB7008-BD Datasheet HTML 1Page - Mimix Broadband CGB7008-BD Datasheet HTML 2Page - Mimix Broadband CGB7008-BD Datasheet HTML 3Page - Mimix Broadband CGB7008-BD Datasheet HTML 4Page - Mimix Broadband CGB7008-BD Datasheet HTML 5Page - Mimix Broadband CGB7008-BD Datasheet HTML 6Page - Mimix Broadband CGB7008-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Page 1 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7008-BD
Features
Chip Layout
33.5 dBm Output IP3 @ 850 MHz
3.2 dB Noise Figure @ 850 MHz
21.2 dB Gain @ 850 MHz
18.8 dBm P1dB @ 850 MHz
Low Performance Variation Over Temperature
100% DC On-Wafer Testing
ESD Protection on All Die: >1000V HBM
Low Thermal Resistance: <80ºC/Watt
PA Driver Amp, IF Amp, LO Buffer Amp
Cellular, PCS, GSM, UMTS
Wireless Data and SATCOM
Transmit and Receive Functions
CATV
Applications
Typical Performance
Notes: 1. Performance in Mimix eval board, Vs = 8 V, Id = 64 mA Typ., Rbias = 47
, Zs = Zl = 50
, OIP3 tone spacing = 1 MHz, Pout per tone = 3 dBm.
2. Values reflect performance in recommended application circuit.
3. Only on-wafer DC test is done. Devices are not tested for RF performance.
850 MHz
1950 MHz
2400 MHz
3500 MHz
Units
Max.
Typ.
Min.
Max.
Typ.
Min.
Max.
Typ.
Min.
Max.
Typ.
Min.
Temperature (ºC)
Parameter
Small Signal Gain
Output P1dB
Output IP3
Noise Figure
Operating Current
Input Return Loss
Output Return Loss
Pout @ -45 dBc, ACP
IS-95, 9 Forward Channels
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
+25
-40 to +85
20.0
19.8
17.8
17.3
32.0
31.5
59
55
14.0
13.0
17.0
16.0
21.2
21.2
18.8
18.8
33.5
33.5
3.2
3.2
64
64
19.0
19.0
25.0
25.0
13
13
22.4
22.6
4.0
4.3
68
73
17.0
16.8
16.7
16.4
30.0
29.5
59
55
11.0
10.0
12.0
11.0
18.2
18.2
17.7
17.7
31.5
31.5
3.2
3.2
64
64
16.0
16.0
18.0
18.0
13
13
19.4
19.6
4.0
4.3
69
73
16.0
15.8
15.6
15.3
29.0
28.5
59
55
10.0
9.5
12.0
11.0
17.2
17.2
16.6
16.6
30.5
30.5
3.4
3.4
64
64
16.0
16.0
19.0
19.0
18.4
18.6
4.2
4.5
69
73
15.5
14.3
27.5
3.5
64
14.0
16.5
dB
dB
dBm
dBm
dBm
dBm
dB
dB
mA
mA
dB
dB
dB
dB
dBm
dBm
Max Device Voltage
Max Device Current
Max Device Dissipated Power
RF Input Power
Storage Temperature
Junction Temperature
Operating Temperature
Thermal Resistance
EDS (HBM)
+6.0 V
130 mA
0.65 W
+17 dBm
-55ºC to 150ºC
150ºC
-40ºC to +85ºC
80º C/W
1000 V
Absolute Maximum Ratings
Description
The CGB7008-BD is a Darlington Configured, high dynamic range,
utility gain block amplifier. Designed for applications operating
within the DC to 6.0 GHz frequency range, Mimix’s broadband,
cascadable, gain block amplifiers are ideal solutions for transmit,
receive and IF applications.
These MMIC amplifiers are available in bare die form. Mimix's
InGaP HBT technology and an industry low thermal resistance
offers a thermally robust and reliable gain block solution.
The InGaP HBT die have extra pads to enable thorough DC
testing. This unique test capability and the inclusion of ESD
protection on all die, significantly enhances the quality, reliability
and ruggedness of these products.
With a single bypass capacitor, optional RF choke and two DC
blocking capacitors, this gain block amplifier offers significant
ease of use in a broad range of applications.
Operation of this device above any of these parameters may cause
permanent damage.
April 2007 - Rev 03-Apr-07


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn