Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAY73 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. BAY73
Description  Small Signal Diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAY73 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BAY73 Datasheet HTML 1Page - Fairchild Semiconductor BAY73 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BAY73 Rev. B
January 2005
BAY73
Small Signal Diode
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
125
V
IF(AV)
Average Rectified Forward Current
500
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Unit
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Conditions
Min.
Max
Units
VR
Breakdown Voltage
IR = 100µA
125
V
VF
Forward Voltage
IF = 1mA
IF = 5mA
IF = 10mA
IF = 50mA
IF = 100mA
IF = 200mA
0.60
0.67
0.69
0.78
0.81
0.85
0.68
0.75
0.80
0.88
0.94
1.0
V
V
V
V
V
V
IR
Reverse Leakage
VR = 100V
VR = 100V, TA = 125°C
VR = 20V, TA = 125°C
5
1
500
nA
µA
nA
CT
Total Capacitance
VR = 0, f = 1.0MHz
8
pF
trr
Reverse Recovery Time
IF = IR = 30mA, Irr = 3mA, RL = 100Ω
1.0
µs
DO-35
Color Band Denotes Cathode


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N456A_0412Small Signal Diode 1 2 Fairchild Semiconductor
1N459_0412Small Signal Diode 1 2 Fairchild Semiconductor
LL4148Small Signal Diode 1 2 3 4 5 Fairchild Semiconductor
BAV19_01Small Signal Diode 1 2 3 4 Fairchild Semiconductor
BAS19Small Signal Diode 1 2 Fairchild Semiconductor
BAV23S_06Small Signal Diode 1 2 3 4 5 Fairchild Semiconductor
BAS20Small Signal Diode 1 2 Fairchild Semiconductor
BAV70_04Small Signal Diode 1 2 Fairchild Semiconductor
BAV99WT1GSmall Signal Diode 1 2 3 Fairchild Semiconductor
BAW56_01Small Signal Diode 1 2 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn