Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7005-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part No. CGB7005-BD
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7005-BD Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7005-BD Datasheet HTML 1Page - Mimix Broadband CGB7005-BD Datasheet HTML 2Page - Mimix Broadband CGB7005-BD Datasheet HTML 3Page - Mimix Broadband CGB7005-BD Datasheet HTML 4Page - Mimix Broadband CGB7005-BD Datasheet HTML 5Page - Mimix Broadband CGB7005-BD Datasheet HTML 6Page - Mimix Broadband CGB7005-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Typical Scattering Parameters
(Vd = +4.15V, Icc = 61 mA, T = 23°C, device in a 50 ohm system)
Frequency
S
11
S
21
S
12
S
22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.052
-175.5
13.02
173.10
0.064
-0.61
0.023
-158.3
200
0.053
-171.0
12.90
166.30
0.064
-0.60
0.029
-143.9
300
0.055
-166.7
12.78
159.70
0.064
-0.41
0.037-136.8
400
0.057
-163.2
12.62
153.20
0.065
-0.96
0.045
-134.6
500
0.059
-159.2
12.42
146.80
0.066
-1.24
0.053
-134.0
600
0.062
-156.1
12.22
140.40
0.066
-1.66
0.062
-135.2
700
0.065
-154.1
11.99
134.20
0.067
-2.21
0.069
-138.0
800
0.068
-152.3
11.74
128.10
0.068
-2.57
0.076
-140.2
900
0.072
-150.2
11.49
122.10
0.069
-3.15
0.083
-143.1
1000
0.076
-149.3
11.23
116.20
0.070
-3.91
0.089
-146.3
1100
0.080
-148.1
10.96
110.40
0.072
-4.69
0.095
-149.6
1200
0.084
-147.4
10.69
104.70
0.073
-5.51
0.098
-152.7
1300
0.089
-146.8
10.42
99.16
0.075
-6.44
0.102
-155.7
1400
0.093
-146.5
10.15
93.72
0.076
-7.43
0.105
-158.8
1500
0.098
-146.4
9.89
88.40
0.078
-8.49
0.108
-161.7
1600
0.103
-146.2
9.63
83.15
0.080
-9.71
0.109
-164.6
1700
0.108
-146.5
9.37
78.00
0.081
-10.91
0.111
-167.3
1800
0.114
-146.9
9.12
72.94
0.083
-12.28
0.112
-170.0
1900
0.118
-147.6
8.88
68.02
0.085
-13.63
0.113
-172.5
2000
0.123
-148.2
8.66
63.14
0.087
-15.04
0.113
-175.3
2100
0.129
-149.2
8.43
58.30
0.089
-16.65
0.113
-177.7
2200
0.134
-150.1
8.21
53.57
0.091
-18.25
0.112
179.9
2300
0.140
-151.5
8.01
48.91
0.093
-19.90
0.112
177.5
2400
0.145
-153.0
7.81
44.30
0.095
-21.54
0.111
175.2
2500
0.150
-154.4
7.62
39.74
0.097
-23.31
0.110
172.7
2600
0.154
-156.2
7.44
35.26
0.099
-25.10
0.109
170.5
2700
0.159
-157.8
7.26
30.84
0.101
-26.97
0.108
168.1
2800
0.164
-159.9
7.10
26.47
0.104
-28.90
0.107
165.7
2900
0.168
-162.2
6.95
22.12
0.106
-30.88
0.107
163.2
3000
0.173
-164.4
6.80
17.78
0.108
-32.88
0.106
160.7
3100
0.177
-166.8
6.66
13.53
0.110
-34.89
0.105
158.2
3200
0.182
-169.2
6.53
9.26
0.113
-37.02
0.105
155.4
3300
0.186
-172.1
6.40
5.01
0.115
-39.14
0.105
152.4
3400
0.190
-175.1
6.28
0.76
0.118
-41.47
0.105
149.2
3500
0.194
-178.1
6.16
-3.47
0.120
-43.64
0.105
146.0
3600
0.198
178.8
6.04
-7.68
0.123
-45.97
0.104
142.8
3700
0.201
175.4
5.94
-11.84
0.125
-48.32
0.104
138.8
3800
0.204
171.9
5.83
-16.02
0.128
-50.68
0.105
134.5
3900
0.207
167.8
5.74
-20.19
0.130-53.13
0.105
130.0
4000
0.209
163.9
5.64
-24.33
0.133
-55.53
0.106
125.3
4100
0.210
159.7
5.55
-28.49
0.136
-58.04
0.107
120.0
4200
0.211
155.5
5.47
-32.64
0.138
-60.60
0.109
114.3
4300
0.211
150.6
5.38-36.80
0.141
-63.20
0.111
108.4
4400
0.212
145.6
5.31
-40.98
0.143
-65.80
0.114
101.7
4500
0.212
140.3
5.23
-45.18
0.146
-68.52
0.118
95.0
4600
0.212
135.1
5.15
-49.35
0.149
-71.22
0.123
88.66
4700
0.211
129.6
5.08
-53.55
0.151
-73.90
0.128
82.32
4800
0.211
123.6
5.01
-57.75
0.154
-76.77
0.135
75.66
4900
0.212
116.9
4.95
-62.01
0.157
-79.70
0.144
68.93
5000
0.213
110.0
4.88
-66.31
0.159
-82.64
0.154
62.13
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7005-BD
April 2007 - Rev 02-Apr-07


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn