Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB7001-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part No. CGB7001-BD
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7001-BD Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7001-BD_07 Datasheet HTML 1Page - Mimix Broadband CGB7001-BD_07 Datasheet HTML 2Page - Mimix Broadband CGB7001-BD_07 Datasheet HTML 3Page - Mimix Broadband CGB7001-BD_07 Datasheet HTML 4Page - Mimix Broadband CGB7001-BD_07 Datasheet HTML 5Page - Mimix Broadband CGB7001-BD_07 Datasheet HTML 6Page - Mimix Broadband CGB7001-BD_07 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7001-BD
March 2007 - Rev 28-Mar-07
Typical Scattering Parameters
(Vd = +4.1V, Icc = 35.7 mA, T = 23°C, device in a 50 ohm system)
Frequency
S
11
S
21
S
12
S
22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.111
-9.7
12.53
172.9
0.065
-0.5
0.141
-12.6
200
0.113
-19.0
12.42
165.8
0.065
-0.8
0.142
-25.3
300
0.115
-28.2
12.30
159.0
0.065
-1.2
0.145
-36.9
400
0.119
-36.6
12.11
152.1
0.066
-1.6
0.150
-48.0
500
0.124
-44.6
11.92
145.5
0.067
-2.2
0.155
-58.1
600
0.129
-52.2
11.70
138.9
0.067
-2.8
0.160
-68.0
700
0.134
-58.9
11.45
132.5
0.068
-3.3
0.165
-77.0
800
0.140
-65.3
11.19
126.2
0.069
-4.2
0.170
-85.1
900
0.146
-71.2
10.93
120.0
0.071
-5.0
0.174
-92.8
1000
0.152
-76.8
10.66
114.0
0.072
-6.0
0.178
-99.9
1100
0.159
-81.8
10.39
108.0
0.073
-7.0
0.182
-106.6
1200
0.165
-86.4
10.10
102.2
0.075
-8.1
0.184
-112.7
1300
0.171
-90.8
9.83
96.6
0.076
-9.4
0.186
-118.5
1400
0.178
-94.8
9.56
91.0
0.078
-10.6
0.187
-123.7
1500
0.185
-98.5
9.29
85.6
0.080
-12.0
0.188
-128.8
1600
0.191
-102.1
9.04
80.3
0.081
-13.5
0.188
-133.5
1700
0.197
-105.6
8.79
75.0
0.083
-15.0
0.187
-138.0
1800
0.203
-108.9
8.54
69.9
0.085
-16.7
0.186
-142.2
1900
0.209
-112.2
8.31
64.9
0.087
-18.3
0.184
-146.2
2000
0.215
-115.4
8.09
59.9
0.089
-20.1
0.181
-150.1
2100
0.221
-118.5
7.87
55.0
0.091
-21.9
0.179
-153.6
2200
0.227
-121.5
7.66
50.2
0.093
-23.8
0.175
-157.1
2300
0.232
-124.5
7.47
45.5
0.094
-25.7
0.172
-160.4
2400
0.238
-127.3
7.27
40.8
0.097
-27.6
0.168
-163.4
2500
0.244
-130.3
7.09
36.1
0.099
-29.7
0.164
-166.4
2600
0.248
-133.1
6.92
31.5
0.101
-31.8
0.159
-169.3
2700
0.252
-135.9
6.75
27.1
0.103
-33.9
0.154
-172.1
2800
0.256
-138.9
6.60
22.6
0.105
-36.2
0.150
-174.7
2900
0.261
-142.1
6.45
18.1
0.107
-38.5
0.145
-177.7
3000
0.265
-145.0
6.3113.7
0.109
-40.8
0.139
179.9
3100
0.268
-147.9
6.17
9.3
0.111
-43.0
0.135
177.4
3200
0.271
-150.9
6.05
5.0
0.114
-45.4
0.129
174.7
3300
0.274
-154.2
5.93
0.7
0.116
-47.9
0.124
171.6
3400
0.276
-157.6
5.81
-3.7
0.118
-50.3
0.119
168.4
3500
0.278
-161.0
5.70
-8.0
0.120
-52.9
0.113
165.1
3600
0.279
-164.4
5.59
-12.3
0.123
-55.4
0.107
161.6
3700
0.278
-167.9
5.49
-16.6
0.125
-58.0
0.101
157.5
3800
0.278
-171.4
5.40
-20.9
0.127
-60.5
0.094
152.6
3900
0.276
-175.5
5.30
-25.2
0.130-63.3
0.088
147.3
4000
0.275
-179.5
5.21
-29.5
0.132
-66.0
0.081
141.2
4100
0.272
176.5
5.13
-33.8
0.134
-68.8
0.075
134.0
4200
0.268
172.3
5.04
-38.1
0.137
-71.6
0.069
125.5
4300
0.264
167.9
4.97
-42.4
0.139
-74.5
0.063
114.5
4400
0.258
163.1
4.89
-46.7
0.141
-77.4
0.059
101.5
4500
0.252
158.2
4.82
-51.1
0.144
-80.4
0.057
86.9
4600
0.246
153.1
4.74
-55.4
0.146
-83.3
0.058
71.3
4700
0.238
147.7
4.67
-59.7
0.148
-86.4
0.063
55.9
4800
0.230
142.0
4.60
-64.1
0.150
-89.5
0.071
41.8
4900
0.221
135.6
4.54
-68.5
0.153
-92.7
0.082
30.1
5000
0.212
128.4
4.47
-73.0
0.155
-96.0
0.096
19.7
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CGB7006-SC_0608 DC-6.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier 1  2  3  4  5  More Mimix Broadband
CGB7004-SC_0608 DC-6.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier 1  2  3  4  5  More Mimix Broadband
CGB7015-SC_0609 DC-8.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier 1  2  3  4  5  More Mimix Broadband
AG302-63-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
LX5514 InGaP HBT 2.3 - 2.5 GHz Power Amplifier 1  2  Microsemi Corporation
NGA-589 DC-5.5 GHZ CASCADABLE INGAP/GAAS HBT MMIC AMPLIFIER 1  2  3  4  5  SIRENZA MICRODEVICES
AG303-86-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
AG402-86-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.
SNA-200S DC-6.5 GHz Cascadable GaAs HBT MMIC Amplifier 1  2  3  SIRENZA MICRODEVICES
AG402-89-RFID InGaP HBT Gain Block 1  2  3  4  5  More WJ Communication. Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn