Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5204A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NE5204A
Description  Wide-band high-frequency amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5204A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NE5204A Datasheet HTML 6Page - NXP Semiconductors NE5204A Datasheet HTML 7Page - NXP Semiconductors NE5204A Datasheet HTML 8Page - NXP Semiconductors NE5204A Datasheet HTML 9Page - NXP Semiconductors NE5204A Datasheet HTML 10Page - NXP Semiconductors NE5204A Datasheet HTML 11Page - NXP Semiconductors NE5204A Datasheet HTML 12Page - NXP Semiconductors NE5204A Datasheet HTML 13Page - NXP Semiconductors NE5204A Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
NE/SA5204A
Wide-band high-frequency amplifier
1992 Feb 25
10
25
20
15
10
1012
4
6
8
2
4
6
8
102
103
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
50
Ω System
75
Ω System
a. Insertion Gain vs Frequency (S21)
b. Insertion Gain vs Frequency (S21)
c. Isolation vs Frequency (S12)
d. S12 Isolation vs Frequency
e. Input (S11) and Output (S22) Return Loss
vs Frequency
f. Input (S11) and Output (S22) Return Loss
vs Frequency
15
10
25
20
ZO = 75Ω
TA = 25
oC
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
ZO = 50Ω
TA = 25
oC
FREQUENCY—MHz
ZO = 50Ω
TA = 25
oC
VCC = 6V
10
–15
–20
–25
–30
40
35
30
25
20
15
10
INPUT
FREQUENCY—MHz
VCC = 6V
ZO = 50Ω
TA = 25
oC
ZO = 75Ω
TA = 25
oC
VCC = 6V
10
–15
–20
–25
–30
FREQUENCY—MHz
VCC = 6V
ZO = 75Ω
TA = 25
oC
OUTPUT
INPUT
40
35
30
25
20
15
10
FREQUENCY—MHz
OUTPUT
1012
4
6
8
2
4
6
8
102
103
1012
4
6
8
2
4
6 8
102
103
1012
4
6
8
2
4
6 8
102
103
1012
4
6
8
2
4
6 8
102
103
1012
4
6
8
2
4
6 8
102
103
SR00212
Figure 20.
INPUT RETURN LOSS=S11dB
S11dB=20 Log | S11 |
OUTPUT RETURN LOSS=S22dB
S22dB=20 Log | S22 |
INPUT VSWR=
≤1.5
OUTPUT VSWR=
≤1.5
1DB GAIN COMPRESSION AND SATURATED
OUTPUT POWER
The 1dB gain compression is a measurement of the output power
level where the small-signal insertion gain magnitude decreases
1dB from its low power value. The decrease is due to nonlinearities
in the amplifier, an indication of the point of transition between
small-signal operation and the large signal mode.
The saturated output power is a measure of the amplifier’s ability to
deliver power into an external load. It is the value of the amplifier’s
output power when the input is heavily overdriven. This includes the
sum of the power in all harmonics.
INTERMODULATION INTERCEPT TESTS
The intermodulation intercept is an expression of the low level
linearity of the amplifier. The intermodulation ratio is the difference in
dB between the fundamental output signal level and the generated
distortion product level. The relationship between intercept and


Similar Part No. - NE5204A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
NE5205AD PHILIPS-NE5205AD Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
NE5205AN PHILIPS-NE5205AN Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
NE5209D PHILIPS-NE5209D Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
More results

Similar Description - NE5204A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50MH MINI-MCA-50MH Datasheet
211Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
   Frequency Mixer WIDE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com