Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFK2162-P1 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CFK2162-P1
Description  800-900 MHz 34 dBm Power GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2162-P1 Datasheet(HTML) 3 Page - Mimix Broadband

  CFK2162-P1_06 Datasheet HTML 1Page - Mimix Broadband CFK2162-P1_06 Datasheet HTML 2Page - Mimix Broadband CFK2162-P1_06 Datasheet HTML 3Page - Mimix Broadband CFK2162-P1_06 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
800-900 MHz
+34 dBm Power GaAs FET
Page 3 of 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CFK2162-P1
August 2006 - Rev 03-Aug-06
Power Output & Power Added Efficiency vs Power Input
850 MHz, VDS = 5 V, IDS = 1.2 A
Power Input (dBm)
Efficiency
Power Output
0
10
20
30
40
50
10
15
20
25
30
35
-8
-3
2
12
17
7
Power Output & Power Added Efficiency vs Power Input
850 MHz, VDS = 8 V, IDS = 800 mA
Power Input (dBm)
Efficiency
Power Output
0
10
20
30
40
50
10
15
20
25
30
35
-9
-4
1
11
16
6
Frequency, MHz
Power Output
19
20
21
22
18
Gain
29
31
33
35
37
Power Output and Gain vs Frequency
VDS =5V, IDS = 1200 mA
825
875
925
850
900
Frequency, MHz
Power Output and Gain vs Frequency
VDS =8V, IDS = 800 mA
825
850
875
900
925
Gain
19
20
21
22
18
29
31
33
35
37
Power Output
Power Output & 3rd Order Products vs Power Input
850 MHz, VDS = 5 V, IDS = 1.2 A
Power Input (dBm)
3rd Order Products
Power Output
55
45
35
25
15
5
10
15
20
25
30
35
-8
-3
2
12
17
7
Power Output & 3rd Order Products vs Power Input
850 MHz, VDS = 8 V, IDS = 800 mA
Power Input (dBm)
3rd Order Products
Power Output
55
45
35
25
15
5
10
15
20
25
30
35
-9
-4
1
11
16
6
Typical Performance


Similar Part No. - CFK2162-P1_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2162-P1-000T MIMIX-CFK2162-P1-000T Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
CFK2162-P1-000T MIMIX-CFK2162-P1-000T Datasheet
314Kb / 5P
   0.8-1.0 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_07 Datasheet
314Kb / 5P
   0.8-1.0 GHz 34 dBm Power GaAs FET
More results

Similar Description - CFK2162-P1_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
   800-900 MHz 36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
   800 to 900 MHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_07 Datasheet
314Kb / 5P
   0.8-1.0 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com