Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAV19 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. BAV19
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAV19 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BAV19_01 Datasheet HTML 1Page - Fairchild Semiconductor BAV19_01 Datasheet HTML 2Page - Fairchild Semiconductor BAV19_01 Datasheet HTML 3Page - Fairchild Semiconductor BAV19_01 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV19/20/21, Rev. C
Typical Characteristics
Small Signal Diode
(continued)
°
275
300
325
Ta=25 C
3
5
10
20
30
50
100
R everse C urrent, I
R [u A ]
Figure 1. Reverse Voltage vs Reverse Current
BV - 1.0 to 100uA
0
10
20
30
40
50
55
100
Ta= 25 C
R everse Voltag e, V
R [V ]
°
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
°
Figure 2. Reverse Current vs Reverse Voltage
IR - 55 to 205 V
20
30
40
50
60
70
80
90
100
180
200
220
240
255
Ta= 25 C
Reverse Voltage, V
R [V ]
250
300
350
400
450
1
2
3
5
10
20
30
50
100
Ta= 25 C
Forward Current, I
F [uA]
Figure 3. Reverse Current vs Reverse Roltage
IR - 180 to 225 V
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
Figure 4. Forward Voltage vs Forward Current
VF - 1.0 to 100uA
450
500
550
600
650
700
0.1
0.2
0.3
0.5
1
2
3
5
10
Ta= 25 C
Forward Current, I
F [m A]
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
10
20
30
50
100
200
300
500
800
Ta= 25 C
Forward Current, I
F [m A]
Figure 5. Forward Voltage vs Forward Current
VF - 0.1 to 10mA
Figure 6. Forward Voltage vs Forward Current
VF - 10 to 800mA
°
°
°
°


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N456A_0412Small Signal Diode 1 2 Fairchild Semiconductor
1N459_0412Small Signal Diode 1 2 Fairchild Semiconductor
LL4148Small Signal Diode 1 2 3 4 5 Fairchild Semiconductor
BAS19Small Signal Diode 1 2 Fairchild Semiconductor
BAS20Small Signal Diode 1 2 Fairchild Semiconductor
BAV99WT1GSmall Signal Diode 1 2 3 Fairchild Semiconductor
BAW62Small Signal Diode 1 2 Fairchild Semiconductor
FDLL914_07Small Signal Diode 1 2 3 4 Fairchild Semiconductor
FDLL914Small Signal Diode 1 2 3 4 Fairchild Semiconductor
BS108Small Signal MOSFET 250 mAmps 200 Volts Logic Level 1 2 3 ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn