Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5571A Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL5571A
Description  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571A Datasheet(HTML) 3 Page - Intersil Corporation

  ISL5571A_04 Datasheet HTML 1Page - Intersil Corporation ISL5571A_04 Datasheet HTML 2Page - Intersil Corporation ISL5571A_04 Datasheet HTML 3Page - Intersil Corporation ISL5571A_04 Datasheet HTML 4Page - Intersil Corporation ISL5571A_04 Datasheet HTML 5Page - Intersil Corporation ISL5571A_04 Datasheet HTML 6Page - Intersil Corporation ISL5571A_04 Datasheet HTML 7Page - Intersil Corporation ISL5571A_04 Datasheet HTML 8Page - Intersil Corporation ISL5571A_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Specifications
TA = -40°C to 85°C, Unless Otherwise Specified
Absolute Maximum Ratings TA = 25°C
Thermal Information
Maximum Supply Voltages
(VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
(VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-19V to -100V
ESD Rating (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . .500V
Die Characteristics
Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBAT
Process . . . . . . . . . . . . . . . . . . . . . . . .6-inch BIMOS Bonded Wafer
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . . 150
°C
Maximum Storage Temperature Range . . . . . . . . . -65
°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300
°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
TABLE 1. BREAK SWITCHES - ISL5571A - SW1, SW2
PARAMETER
TEST CONDITION
MEASURE
MIN
TYP
MAX
UNITS
OFF-State Leakage Current:
-40°C
25°C
85°C
VSWITCH (DIFFERENTIAL) = -310V to GND
VSWITCH (DIFFERENTIAL) = -60V to +250V
VSWITCH (DIFFERENTIAL) = -320V to GND
VSWITCH (DIFFERENTIAL) = -60V to +260V
VSWITCH (DIFFERENTIAL) = -330V to GND
VSWITCH (DIFFERENTIAL) = -60V to +270V
ISWITCH
ISWITCH
ISWITCH
-
-
-
-
-
-
1
1
1
µA
µA
µA
ON-Resistance:
-40°C
25°C
85°C
TLINE = ±10mA, ±40mA, TBAT = -2V
TLINE = ±10mA, ±40mA, TBAT = -2V
TLINE = ±10mA, ±40mA, TBAT = -2V
∆V
ON
∆VON
∆VON
-
-
-
12
16
-
-
-
28
ON-Resistance Match
Per ON-resistance Test Condition of SW1, SW2 Magnitude
rON SW1 - rON SW2
0.05
0.5
ON-State Voltage (Note 2)
Break Switches in ON-State; Iswitch = ILIMIT at
50/60Hz
VON
-
-
220
VPeak
DC Current Limit:
-40°C
25°C
85°C
VSWITCH (ON) = ±10V
VSWITCH (ON) = ±10V
VSWITCH (ON) = ±10V
ISWITCH
ISWITCH
ISWITCH
-
-
80
-
125
-
250
-
mA
mA
mA
Dynamic Current Limit
(t = <0.5
µs)
Break Switches in ON-state; Ringing Access
Switches OFF; Apply
±1000V at 10/1000µs
Pulse; Appropriate External Secondary
Protection in Place
ISWITCH
-1.5
2.0
A
Isolation:
-40°C
25°C
85°C
VSWITCH (Both Poles) = ±310V
Logic Inputs = GND
VSWITCH (Both Poles) = ±320V
Logic Inputs = GND
VSWITCH (Both Poles) = ±330V
Logic Inputs = GND
ISWITCH
ISWITCH
ISWITCH
-
-
-
-
-
-
1
1
1
µA
µA
µA
dV/dt Sensitivity (Note 3)
-
5000
-
V/
µs
NOTES:
2. Choice of secondary protection should ensure this rating is not exceeded.
3. Applied voltage is 100VP-P square wave at 100Hz.
ISL5571A


Similar Part No. - ISL5571A_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
ISL5571AIBZ RENESAS-ISL5571AIBZ Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
More results

Similar Description - ISL5571A_04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com