Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5314IN Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL5314IN
Description  Direct Digital Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5314IN Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL5314IN Datasheet HTML 3Page - Intersil Corporation ISL5314IN Datasheet HTML 4Page - Intersil Corporation ISL5314IN Datasheet HTML 5Page - Intersil Corporation ISL5314IN Datasheet HTML 6Page - Intersil Corporation ISL5314IN Datasheet HTML 7Page - Intersil Corporation ISL5314IN Datasheet HTML 8Page - Intersil Corporation ISL5314IN Datasheet HTML 9Page - Intersil Corporation ISL5314IN Datasheet HTML 10Page - Intersil Corporation ISL5314IN Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DGND . . . . . . . . . . . . . . . . . . +5.5V
Analog Supply Voltage AVDD to AGND . . . . . . . . . . . . . . . . . . +5.5V
Grounds, AGND To DGND. . . . . . . . . . . . . . . . . . . . . -0.3V To +0.3V
Digital Input Voltages . . . . . . . . . . . . . . . . . . . . . . . . . DVDD + 0.3V
Reference Input Voltage Range . . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA(oC/W)
LQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
68
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
AVDD = DVDD = +5V (unless otherwise noted), VREF = Internal 1.2V, IOUTFS = 20mA, TA = -40
oC to 85oC for
all Min and Max Values. TA = 25
oC for All Typical Values
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DAC CHARACTERISTICS
DAC Resolution
14
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 7)
-5
+2.5
+6
LSB
Differential Linearity Error, DNL
(Note 7)
-2
+1.5
+4
LSB
Offset Error, IOS
(Note 7)
-0.025
+0.025
% FSR
Offset Drift Coefficient
(Note 7)
-
0.1
-
ppm
FSR/oC
Full Scale Gain Error
With Internal Reference (Notes 2, 7)
-10
±1+10
% FSR
Full Scale Gain Drift
With Internal Reference (Note 7)
-
±50
-
ppm
FSR/oC
Full Scale Output Current
(Note 3)
2
-
20
mA
Output Voltage Compliance Range
(Note 3, 7)
-1.0
-
1.25
V
DAC DYNAMIC CHARACTERISTICS
Maximum Clock Rate, fCLK
+5V DVDD, +5V AVDD (Note 3)
125
-
-
MSPS
Maximum Clock Rate, fCLK
+3.3V DVDD, +5V AVDD (Note 3)
100
-
-
MSPS
Output Settling Time, (tSETT)
±0.05% (±8 LSB) (Note 7)
-
35
-
ns
Output Rise Time
Full Scale Step
-
2.5
-
ns
Output Fall Time
Full Scale Step
-
2.5
-
ns
Output Capacitance
-25
-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/
√Hz
IOUTFS = 2mA
-
30
-
pA/
√Hz
AC CHARACTERISTICS
Spurious Free Dynamic Range,
SFDR Within a Window (Notes 4, 7)
fCLK = 100MSPS, fOUT = 20MHz, 5MHz Span
-
93
-
dBc
fCLK = 100MSPS, fOUT = 5MHz, 8MHz Span
-
93
-
dBc
fCLK = 50MSPS, fOUT = 5MHz, 8MHz Span
-
93
-
dBc
ISL5314


Similar Part No. - ISL5314IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5314INZ INTERSIL-ISL5314INZ Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314INZ RENESAS-ISL5314INZ Datasheet
729Kb / 17P
   Direct Digital Synthesizer
More results

Similar Description - ISL5314IN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
   CMOS Direct Digital Synthesizer
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
   CommLinkTM Direct Digital Synthesizer
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
   CommLinkTM Direct Digital Synthesizer
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
logo
Renesas Technology Corp
HSP45314 RENESAS-HSP45314 Datasheet
1Mb / 14P
   CommLinkTM Direct Digital Synthesizer
Jan 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com