Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5020N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NE5020N
Description  10-Bit mP-compatible D/A converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5020N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NE5020N Datasheet HTML 2Page - NXP Semiconductors NE5020N Datasheet HTML 3Page - NXP Semiconductors NE5020N Datasheet HTML 4Page - NXP Semiconductors NE5020N Datasheet HTML 5Page - NXP Semiconductors NE5020N Datasheet HTML 6Page - NXP Semiconductors NE5020N Datasheet HTML 7Page - NXP Semiconductors NE5020N Datasheet HTML 8Page - NXP Semiconductors NE5020N Datasheet HTML 9Page - NXP Semiconductors NE5020N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors Linear Products
Product specification
NE5020
10-Bit
µP-compatible D/A converter
August 31, 1994
765
Figure 13. Bipolar Output
DAC
CURRENT
FROM
CURRENT
SWITCHES
OUTPUT
AMP
To R-2R Ladder
DAC
AMP
BIPOLAR
OFFSET (18)
JUMPER FOR
BIPOLAR OPERATION
SUM
NODE (22)
(16)
+
+
5k
5k
(17)
VREF IN
ID
(ID IREF)
VCC
IREF
5k
Reference Interface
The NE5020 contains an internal bandgap voltage reference which
is designed to have a very low temperature coefficient and excellent
long-term stability characteristics.
The internal bandgap reference (1.23V) is buffered and amplified to
provide the 5V reference output. Providing a VREF ADJ (Pin 14)
allows trimming of the reference output. Utilization of the adjust
circuit shown in Figure 15 performs not only VREF adjustment, but
also full-scale output adjust. Notice that the VREF ADJ pin is
essentially the sum node of an op amp and is sensitive to excessive
node capacitance. Any capacitance on the node can be minimized
by placing the external resistors as close as possible to the VREF
ADJ pin and observing good layout
practices.
The VREF OUT node can drive loads greater than the DAC VREF
input requirements and can be used as an excellent system voltage
reference. However, to minimize load effects on the DAC system
accuracy, it is recommended that a buffer amplifier be used.
Input Amplifier
The DAC reference amplifier is a high gain internally-compensated
op amp used to convert the input reference voltage to a precision
bias current for the DAC ladder network.
The Block Diagram details the input reference amplifier and current
ladder. The voltage-to-current converter of the DAC amp will
generate a 1mA reference current through QR with a 5V VREF. This
current sets the input bias to the ladder network. Data bit 9
(DB9)(Q9), when turned on, will mirror this current and will
contribute 1mA to the output. DB8 (Q8) will contribute 1/2 of that
value or 0.5mA, and so on. These current values act as current
sinks and will add at the sum node to produce a DAC ladder to sum
node function of:
I
OUT +
2V
REF
R
REF
DB9
2
)
DB8
4
)
DB7
8
)
DB6
16
)
DB5
32
)
DB4
64
)
DB3
128 )
DB2
256 )
DB1
512 )
DB0
1024
Because of the fixed internal compensation of the reference amp,
the slew rate is limited to typically 0.7V/
µs and source impedance at
the VREF INPUT greater than 5kΩ should be avoided to maintain
stability.
The –VREF INPUT pin is uncommitted to allow utilization of negative
polarity reference voltages. In this mode +VREF INPUT is grounded
and the negative reference is tied directly to the –VREF INPUT
contains a 5k
Ω resistor that matches a like resistor in the +VREF
INPUT to reduce voltage offset caused by op amp input bias currents.
Output Amplifier and Interface
The NE5020 provides an on-chip output op amp to eliminate the
need for additional external active circuits. Its two-stage design with
feed-forward compensation allows it to slew at 15V/
µs and settle to
within
±1/2LSB in 5µs. These times are typical when driving the
rated loads of RL ≥ 5k and CL 50pF with recommended values of
CFF = 1nF and CFB = 30pF. Typical input offset voltages of 5mV
and 50k
Ω open-loop gain insure that an accurate current-to-voltage
conversion is performed when using the on-chip RFB resistor. RFB
is matched to RREF and RBIP to maintain accurate voltage gain over
operating conditions. The diode shown from ground to sum node
prevents the DAC current switches from saturating the op amp
during large signal transitions which would otherwise increase the
settling time.
The output op amp also incorporates output short circuit protection
for both positive and negative excursions. During this fault condition
IOUT will limit at ±15mA typical. Recovery from this condition to
rated accuracy will be determined by duration of short-circuit and die
temperature stabilization.


Similar Part No. - NE5020N

ManufacturerPart #DatasheetDescription
logo
NEC
NE500100 NEC-NE500100 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE500199 NEC-NE500199 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
NXP Semiconductors
NE5008 PHILIPS-NE5008 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
NE5019 PHILIPS-NE5019 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results

Similar Description - NE5020N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
logo
National Semiconductor ...
ADC1001 NSC-ADC1001 Datasheet
201Kb / 9P
   10-Bit P Compatible A/D Converter
ADC1005 NSC-ADC1005 Datasheet
254Kb / 12P
   10-Bit P Compatible A/D Converter
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
National Semiconductor ...
ADC1005 NSC-ADC1005_09 Datasheet
446Kb / 16P
   10-Bit 關P Compatible A/D Converter
logo
Cadeka Microcircuits LL...
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
National Semiconductor ...
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com