Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE4558D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE4558D
Description  Dual general-purpose operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE4558D Datasheet(HTML) 1 Page - NXP Semiconductors

  NE4558D Datasheet HTML 1Page - NXP Semiconductors NE4558D Datasheet HTML 2Page - NXP Semiconductors NE4558D Datasheet HTML 3Page - NXP Semiconductors NE4558D Datasheet HTML 4Page - NXP Semiconductors NE4558D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE4558
Dual general-purpose operational amplifier
65
August 31, 1994
853-0840 13721
DESCRIPTION
The 4558 is a dual operational amplifier that is internally
compensated. Excellent channel separation allows the use of a dual
device in a single amp application, providing the highest packaging
density. The NE/SA/SE4558 is a pin-for-pin replacement for the
RC/RM/RV4558.
FEATURES
2MHz unity gain bandwidth guaranteed
Supply voltage ±22V for SE4558 and ±18V for NE4558
Short-circuit protection
No frequency compensation required
No latch-up
Large common-mode and differential voltage ranges
Low power consumption
PIN CONFIGURATIONS
D and N Packages
1
2
3
4
5
6
7
8
– +
+ –
A
B
V+
BOUT
AOUT
AIN–
AIN+
V–
BIN–
BIN+
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) Package
0 to +70
°C
NE4558D
0174C
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE4558N
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA4558N
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA4558D
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-55 to +125
°C
SE4558N
0404B
EQUIVALENT SCHEMATIC
8
v+
2(6)
INPUTS
3(5)
+
4 V–
OUYPUT 1(7)


Similar Part No. - NE4558D

ManufacturerPart #DatasheetDescription
logo
NEC
NE41137 NEC-NE41137 Datasheet
208Kb / 2P
   N-CHANNEL GAASDUAL-GATE MESFET
NE416 NEC-NE416 Datasheet
579Kb / 13P
   NPN MEDIUM POWER UHF-VHF TRANSISTOR
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210M01 RENESAS-NE4210M01 Datasheet
193Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1998
logo
NEC
NE4210M01-T1 NEC-NE4210M01-T1 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE4558D

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com